Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF600SWI Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MF600SWI
Description  Mirco Filter For ADSL CPE Side
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF600SWI Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MF600SWI Datasheet HTML 3Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 4Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 5Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 6Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 7Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 8Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 9Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 10Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Product Specification
MF600SWI
Data sheet subject to change without notice
RDPS-MF051(R1)10/01/2002
SHEET 10 OF 11
6. Environmental condition:
6.1. Resistibility to overvoltages and overcurrents:
The splitter has to comply with requirements as per ITU-T K.21.
6.2. Climatic conditions:
6.2.1. Operating temperature:
Application
indoor
Long time operation guarantee temperature ( 5 to 40
0C )
Short time operation guarantee temperature ( 0 to 50
0C )
( According to ETS 300 019, class 3.2 )
6.2.2. Storage and transport:
Low ambient temperature
- 20
0C
High ambient temperature
+85
0C
( According to MIL-STD-202 method 107 )
6.2.3. Operation humidity:
Long time operation guarantee humidity ( 5 to 85 % )
Short time operation guarantee humidity ( 5 to 90 % )
Short time : within 72 continuous hours and 15 days in a year
7. Reliability conditions:
7.1. Thermal shock :
Temperature from -20
°C to +85 °C for 5 cycles
(According to MIL-STD-202 , method 107)
7.2. Temperature humidity exposure :
+50
°C /95RH , 96hrs
(According to MIL-STD-202 , method 103)
7.3. Vibration test :
Random vibration , frequency 5-500Hz , sweep time :1 hr / axis /
Force : 2.4grams (According to MIL-STD-202 , method 204)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com