Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF600SWI Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MF600SWI
Description  Mirco Filter For ADSL CPE Side
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF600SWI Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MF600SWI Datasheet HTML 1Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 2Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 3Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 4Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 5Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 6Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 7Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 8Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Product Specification
MF600SWI
Data sheet subject to change without notice
RDPS-MF051(R1)10/01/2002
SHEET 2 OF 11
Table of contents
Item Description
Page
1.
Introduction
-----------------------------------------------
3
2.
Compatibility
-----------------------------------------------
3
3.
References
-----------------------------------------------
4
4.
Abbreviations
-----------------------------------------------
4
5.
Technical requirements
-----------------------------------------------
5
5.1. Schematic
-----------------------------------------------
5
5.2. ZHP-r definition
-----------------------------------------------
5
5.3. Electrical specification
-----------------------------------------------
6
5.4. DC characteristics
-----------------------------------------------
8
5.5. Test methods
-----------------------------------------------
8
5.5.1 . Off-hook insertion loss
-----------------------------------------------
8
5.5.2 . Return loss
-----------------------------------------------
9
5.5.2.1. Complex* return loss with ATU-R
-----------------------------------------------
9
5.5.2.2. 600 ohm return loss with ATU-R
-----------------------------------------------
9
6
Environmental condition
-----------------------------------------------
10
6.1. Resistibility to overvoltage and
overcurrents
-----------------------------------------------
10
6.2. Climatic condition
-----------------------------------------------
10
6.2.1. Operating temperature
-----------------------------------------------
10
6.2.2. Storage and transport
-----------------------------------------------
10
6.2.3. Operating humidity
-----------------------------------------------
10
7
Reliabilty conditions
-----------------------------------------------
10
7.1.Thermal shock
-----------------------------------------------
10
7.2. Temperature humidity exposure
-----------------------------------------------
10
7.3. Vibration test
-----------------------------------------------
10
8.
Mechanical conditions
-----------------------------------------------
11
8.1. Mechanical
-----------------------------------------------
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com