Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF600SWI Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MF600SWI
Description  Mirco Filter For ADSL CPE Side
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF600SWI Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MF600SWI Datasheet HTML 3Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 4Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 5Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 6Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 7Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 8Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 9Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 10Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Product Specification
MF600SWI
Data sheet subject to change without notice
RDPS-MF051(R1)10/01/2002
SHEET 7 OF 11
Electrical requirements
Splitter parameters
Range
Values
Attenuation distortion between 600
ohms resistive single filter
200 to 4 kHz
< 1.0 dB
Attenuation distortion between 600
ohms resistive with 5 filters
200 to 4 kHz
< 5 dB
SRL-L
> 23 dB
ERL
> 23 dB
600 ohms return loss single filter
SRL-H
> 20 dB
SRL-L
> 20 dB
ERL
> 13.5 dB
600 ohms return loss with 5 filters
SRL-H
> 7 dB
SRL-L
> 26.5 dB
ERL
> 17 dB
Complex* ZNL-r Return loss single filter
SRL-H
> 9 dB
SRL-L
> 15 dB
ERL
> 8 dB
Complex* ZNL-r return loss with 5 filters
SRL-H
> 2 dB
* 1330 ohms in parallel with the series connection of a 348 ohms resistor and a 100 nF capacitor
200 Hz to 1 kHz
> 58 dB
Longitudinal conversion loss ( LCL )
1 kHz to 3 kHz
> 53 dB
Delay distortion
200Hz to 4 kHz
< 100
µs
2nd
> 57 dB
Inter-Modulation distortion
3nd
> 60 dB
ADSL band characteristics
40 kHz
> 45 dB
Common mode rejection
1.1 MHz
> 45 dB
ADSL band attenuation
30 kHz
> 24 dB
1 MHz
> 65 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com