Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6291RT Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP6291RT
Description  1.0 mA, 10 MHz Rail-to-Rail Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6291RT Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP6291RT Datasheet HTML 2Page - Microchip Technology MCP6291RT Datasheet HTML 3Page - Microchip Technology MCP6291RT Datasheet HTML 4Page - Microchip Technology MCP6291RT Datasheet HTML 5Page - Microchip Technology MCP6291RT Datasheet HTML 6Page - Microchip Technology MCP6291RT Datasheet HTML 7Page - Microchip Technology MCP6291RT Datasheet HTML 8Page - Microchip Technology MCP6291RT Datasheet HTML 9Page - Microchip Technology MCP6291RT Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
MCP6291/1R/2/3/4/5
DS21812E-page 6
© 2007 Microchip Technology Inc.
TYPICAL PERFORMANCE CURVES (CONTINUED)
Note: Unless otherwise indicated, T
A = +25°C, VDD = +2.4V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL =10kΩ to VL, CL = 60 pF, and CS is tied low.
FIGURE 2-7:
Input Offset Voltage vs.
Output Voltage.
FIGURE 2-8:
CMRR, PSRR vs.
Frequency.
FIGURE 2-9:
Input Bias, Offset Currents
vs. Common Mode Input Voltage at TA =+85°C.
FIGURE 2-10:
Input Bias, Input Offset
Currents vs. Ambient Temperature.
FIGURE 2-11:
CMRR, PSRR vs. Ambient
Temperature.
FIGURE 2-12:
Input Bias, Offset Currents
vs. Common Mode Input Voltage at TA = +125°C.
100
150
200
250
300
350
400
450
500
550
600
650
700
0.00.5
1.0
1.5
2.02.5
3.03.5
4.0
4.5
5.05.5
Output Voltage (V)
VCM = VSS
Representative Part
VDD = 5.5V
VDD = 2.4V
20
30
40
50
60
70
80
90
100
110
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
1
10k
100k
1M
100
10
1k
PSRR+
PSRR-
CMRR
-25
-15
-5
5
15
25
35
45
55
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Common Mode Input Voltage (V)
TA = +85°C
VDD = 5.5V
Input Bias Current
Input Offset Current
1
10
100
1,000
10,000
25
35
45
55
65
75
85
95
105 115 125
Ambient Temperature (°C)
Input Bias Current
Input Offset Current
VCM = VDD
VDD = 5.5V
60
70
80
90
100
110
120
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
PSRR
VCM = VSS
CMRR
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Common Mode Input Voltage (V)
TA = +125°C
VDD = 5.5V
Input Bias Current
Input Offset Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com