Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6291RT Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6291RT
Description  1.0 mA, 10 MHz Rail-to-Rail Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6291RT Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6291RT Datasheet HTML 6Page - Microchip Technology MCP6291RT Datasheet HTML 7Page - Microchip Technology MCP6291RT Datasheet HTML 8Page - Microchip Technology MCP6291RT Datasheet HTML 9Page - Microchip Technology MCP6291RT Datasheet HTML 10Page - Microchip Technology MCP6291RT Datasheet HTML 11Page - Microchip Technology MCP6291RT Datasheet HTML 12Page - Microchip Technology MCP6291RT Datasheet HTML 13Page - Microchip Technology MCP6291RT Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MCP6291/1R/2/3/4/5
DS21812E-page 10
© 2007 Microchip Technology Inc.
TYPICAL PERFORMANCE CURVES (CONTINUED)
Note: Unless otherwise indicated, T
A = +25°C, VDD = +2.4V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL =10kΩ to VL, CL = 60 pF, and CS is tied low.
FIGURE 2-31:
Measured Input Current vs.
Input Voltage (below VSS).
FIGURE 2-32:
The MCP6291/1R/2/3/4/5
Show No Phase Reversal.
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0
Input Voltage (V)
+125°C
+85°C
+25°C
-40°C
10m
1m
100µ
10µ
1µ
100n
10n
1n
100p
10p
1p
-1
0
1
2
3
4
5
6
-15
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
Time (1 ms/div)
VDD = 5.0V
G = +2V/V
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com