Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6291RT Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP6291RT
Description  1.0 mA, 10 MHz Rail-to-Rail Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6291RT Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP6291RT Datasheet HTML 8Page - Microchip Technology MCP6291RT Datasheet HTML 9Page - Microchip Technology MCP6291RT Datasheet HTML 10Page - Microchip Technology MCP6291RT Datasheet HTML 11Page - Microchip Technology MCP6291RT Datasheet HTML 12Page - Microchip Technology MCP6291RT Datasheet HTML 13Page - Microchip Technology MCP6291RT Datasheet HTML 14Page - Microchip Technology MCP6291RT Datasheet HTML 15Page - Microchip Technology MCP6291RT Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
MCP6291/1R/2/3/4/5
DS21812E-page 12
© 2007 Microchip Technology Inc.
4.0
APPLICATION INFORMATION
The MCP6291/1R/2/3/4/5 family of op amps is
manufactured using Microchip’s state of the art CMOS
process, specifically designed for low-cost, low-power
and general purpose applications. The low supply
voltage, low quiescent current and wide bandwidth
makes the MCP6291/1R/2/3/4/5 ideal for battery-pow-
ered applications.
4.1
Rail-to-Rail Inputs
4.1.1
PHASE REVERSAL
The MCP6291/1R/2/3/4/5 op amp is designed to
prevent phase reversal when the input pins exceed the
supply voltages. Figure 2-32 shows the input voltage
exceeding the supply voltage without any phase rever-
sal.
4.1.2
INPUT VOLTAGE AND CURRENT
LIMITS
The ESD protection on the inputs can be depicted as
shown in Figure 4-1. This structure was chosen to
protect the input transistors, and to minimize input bias
current (IB). The input ESD diodes clamp the inputs
when they try to go more than one diode drop below
VSS. They also clamp any voltages that go too far
above VDD; their breakdown voltage is high enough to
allow normal operation, and low enough to bypass
quick ESD events within the specified limits.
FIGURE 4-1:
Simplified Analog Input ESD
Structures.
In order to prevent damage and/or improper operation
of these op amps, the circuit they are in must limit the
currents and voltages at the VIN+ and VIN– pins (see
Absolute Maximum Ratings †” at the beginning of
Section 1.0 “Electrical Characteristics”). Figure 4-2
shows the recommended approach to protecting these
inputs. The internal ESD diodes prevent the input pins
(VIN+ and VIN–) from going too far below ground, and
the resistors R1 and R2 limit the possible current drawn
out of the input pins. Diodes D1 and D2 prevent the
input pins (VIN+ and VIN–) from going too far above
VDD, and dump any currents onto VDD. When
implemented as shown, resistors R1 and R2 also limit
the current through D1 and D2.
FIGURE 4-2:
Protecting the Analog
Inputs.
It is also possible to connect the diodes to the left of the
resistor R1 and R2. In this case, the currents through
the diodes D1 and D2 need to be limited by some other
mechanism. The resistors then serve as in-rush current
limiters; the DC current into the input pins (VIN+ and
VIN–) should be very small.
A significant amount of current can flow out of the
inputs when the common mode voltage (VCM) is below
ground (VSS); see Figure 2-31. Applications that are
high impedance may need to limit the usable voltage
range.
4.1.3
NORMAL OPERATION
The input stage of the MCP6291/1R/2/3/4/5 op amps
use two differential CMOS input stages in parallel. One
operates at low common mode input voltage (VCM),
while the other operates at high VCM. WIth this topol-
ogy, the device operates with VCM up to 0.3V past
either supply rail. The input offset voltage (VOS) is mea-
sured at VCM = VSS - 0.3V and VDD + 0.3V to ensure
proper operation.
The transition between the two input stages occurs
when VCM = VDD - 1.1V. For the best distortion and gain
linearity, with non-inverting gains, avoid this region of
operation.
4.2
Rail-to-Rail Output
The output voltage range of the MCP6291/1R/2/3/4/5
op amp is VDD – 15 mV (min.) and VSS +15mV
(maximum) when RL =10 kΩ is connected to VDD/2
and VDD = 5.5V. Refer to Figure 2-16 for more
information.
Bond
Pad
Bond
Pad
Bond
Pad
VDD
VIN+
VSS
Input
Stage
Bond
Pad
VIN–
V1
MCP629X
R1
VDD
D1
R1 >
VSS – (minimum expected V1)
2mA
VOUT
R2 >
VSS – (minimum expected V2)
2mA
V2
R2
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com