Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6291RT Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP6291RT
Description  1.0 mA, 10 MHz Rail-to-Rail Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6291RT Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP6291RT Datasheet HTML 5Page - Microchip Technology MCP6291RT Datasheet HTML 6Page - Microchip Technology MCP6291RT Datasheet HTML 7Page - Microchip Technology MCP6291RT Datasheet HTML 8Page - Microchip Technology MCP6291RT Datasheet HTML 9Page - Microchip Technology MCP6291RT Datasheet HTML 10Page - Microchip Technology MCP6291RT Datasheet HTML 11Page - Microchip Technology MCP6291RT Datasheet HTML 12Page - Microchip Technology MCP6291RT Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
© 2007 Microchip Technology Inc.
DS21812E-page 9
MCP6291/1R/2/3/4/5
TYPICAL PERFORMANCE CURVES (CONTINUED)
Note: Unless otherwise indicated, T
A = +25°C, VDD = +2.4V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL =10kΩ to VL, CL = 60 pF, and CS is tied low.
FIGURE 2-25:
Large-Signal Non-inverting
Pulse Response.
FIGURE 2-26:
Small-Signal Non-inverting
Pulse Response.
FIGURE 2-27:
Chip Select (CS) to
Amplifier Output Response Time at VDD = 2.4V
(MCP6293 and MCP6295 only).
FIGURE 2-28:
Large-Signal Inverting Pulse
Response.
FIGURE 2-29:
Small-Signal Inverting Pulse
Response.
FIGURE 2-30:
Chip Select (CS) to
Amplifier Output Response Time at VDD = 5.5V
(MCP6293 and MCP6295 only).
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.E+00
1.E-06
2.E-06
3.E-06
4.E-06
5.E-06
6.E-06
7.E-06
8.E-06
9.E-06
1.E-05
Time (1 µs/div)
G = +1V/V
VDD = 5.0V
Time (200 ns/div)
G = +1V/V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.E+00
5.E-06
1.E-05
2.E-05
2.E-05
3.E-05
3.E-05
4.E-05
4.E-05
5.E-05
5.E-05
Time (5 µs/div)
VOUT
Output On
Output High-Z
VDD = 2.4V
G = +1V/V
VIN = VSS
CS Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.E+00
1.E-06
2.E-06
3.E-06
4.E-06
5.E-06
6.E-06
7.E-06
8.E-06
9.E-06
1.E-05
Time (1 µs/div)
G = -1V/V
VDD = 5.0V
Time (200 ns/div)
G = -1V/V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.E+00
5.E-06
1.E-05
2.E-05
2.E-05
3.E-05
3.E-05
4.E-05
4.E-05
5.E-05
5.E-05
Time (5 µs/div)
VOUT
Output High-Z
VDD = 5.5V
G = +1V/V
VIN = VSS
CS Voltage
Output On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com