Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6291RT Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6291RT
Description  1.0 mA, 10 MHz Rail-to-Rail Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6291RT Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6291RT Datasheet HTML 9Page - Microchip Technology MCP6291RT Datasheet HTML 10Page - Microchip Technology MCP6291RT Datasheet HTML 11Page - Microchip Technology MCP6291RT Datasheet HTML 12Page - Microchip Technology MCP6291RT Datasheet HTML 13Page - Microchip Technology MCP6291RT Datasheet HTML 14Page - Microchip Technology MCP6291RT Datasheet HTML 15Page - Microchip Technology MCP6291RT Datasheet HTML 16Page - Microchip Technology MCP6291RT Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
© 2007 Microchip Technology Inc.
DS21812E-page 13
MCP6291/1R/2/3/4/5
4.3
Capacitive Loads
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response, with overshoot and ringing in the step
response. A unity-gain buffer (G = +1) is the most
sensitive to capacitive loads, though all gains show the
same general behavior.
When driving large capacitive loads with these op
amps (e.g., > 100 pF when G = +1), a small series
resistor at the output (RISO in Figure 4-3) improves the
feedback loop’s phase margin (stability) by making the
output load resistive at higher frequencies. The
bandwidth will be generally lower than the bandwidth
with no capacitive load.
FIGURE 4-3:
Output Resistor, RISO
stabilizes large capacitive loads.
Figure 4-4 gives recommended RISO values for
different capacitive loads and gains. The x-axis is the
normalized load capacitance (CL/GN), where GN is the
circuit's noise gain. For non-inverting gains, GN and the
Signal Gain are equal. For inverting gains, GN is
1+|Signal Gain| (e.g., -1 V/V gives GN = +2 V/V).
FIGURE 4-4:
Recommended RISO Values
for Capacitive Loads.
After selecting RISO for your circuit, double-check the
resulting
frequency
response
peaking
and
step
response overshoot. Modify RISO's value until the
response
is
reasonable.
Bench
evaluation
and
simulations with the MCP6291/1R/2/3/4/5 SPICE
macro model are helpful.
4.4
MCP629X Chip Select
The MCP6293 and MCP6295 are single and dual op
amps with Chip Select (CS), respectively. When CS is
pulled high, the supply current drops to 0.7 µA (typical)
and flows through the CS pin to VSS. When this
happens, the amplifier output is put into a high-imped-
ance state. By pulling CS low, the amplifier is enabled.
The CS pin has an internal 5 M
Ω (typical) pull-down
resistor connected to VSS, so it will go low if the CS pin
is left floating. Figure 1-1 shows the output voltage and
supply current response to a CS pulse.
4.5
Cascaded Dual Op Amps
(MCP6295)
The MCP6295 is a dual op amp with Chip Select (CS).
The Chip Select input is available on what would be the
non-inverting input of a standard dual op amp (pin 5).
This is available because the output of op amp A
connects to the non-inverting input of op amp B, as
shown in Figure 4-5. The Chip Select input, which can
be connected to a microcontroller I/O line, puts the
device in Low-power mode. Refer to
Section 4.4
“MCP629X Chip Select”.
FIGURE 4-5:
Cascaded Gain Amplifier.
The output of op amp A is loaded by the input imped-
ance of op amp B, which is typically 1013
Ω||6pF, as
specified in the DC specification table (Refer to
Section 4.3 “Capacitive Loads” for further details
regarding capacitive loads).
The common mode input range of these op amps is
specified in the data sheet as VSS – 300 mV and
VDD + 300 mV. However, since the output of op amp A
is limited to VOL and VOH (20 mV from the rails with a
10 k
Ω load), the non-inverting input range of op amp B
is limited to the common mode input range of
VSS + 20 mV and VDD –20mV.
VIN
RISO
VOUT
CL
–
+
MCP629X
10
100
10
100
1,000
10,000
Normalized Load Capacitance; CL/GN (pF)
GN = 1 V/V
GN ≥ 2 V/V
A
B
CS
2
3
5
6
7
VINA+
VOUTB
MCP6295
1
VINA–
VOUTA/VINB+ VINB–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com