Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2102D Datasheet(PDF) 9 Page - Sames

Part # SA2102D
Description  Single Phase Kilowatt-hour Metering IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2102D Datasheet(HTML) 9 Page - Sames

Back Button SA2102D Datasheet HTML 5Page - Sames SA2102D Datasheet HTML 6Page - Sames SA2102D Datasheet HTML 7Page - Sames SA2102D Datasheet HTML 8Page - Sames SA2102D Datasheet HTML 9Page - Sames SA2102D Datasheet HTML 10Page - Sames SA2102D Datasheet HTML 11Page - Sames SA2102D Datasheet HTML 12Page - Sames SA2102D Datasheet HTML 13Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
sames
SA2102D
9/16
http://www.sames.co.za
Motor pulses / kWh =
......... 2
LED pulses/kWh / DF_MO
Where:
LED pulses / kWh as calculated in formula 1
DF_MO is the dividing factor and depends on R1 and R0:
R1
0
0
1
1
R0
0
1
0
1
DF_MO
64
32
16
8
Select Output (SO)
Rated Condition Select (R0, R1, R2)
LED pulses / kWh =
......... 1
The SA2102D has unique internal circuitry that can be user
enabled to stabilize the LED output. When in FAST mode,
connecting the SO input pin to Vdd will enable the LED pulse
stability feature. Stabilizing the LED pulse output allows for
shorter meter calibration times. Leaving the SO pin open or
connecting to Vss will disable the LED pulse stability circuitry.
Figure 9 indicates the operation of pulse stability.
To calculate the LED output pulse rate (in STANDARD mode)
and motor drive pulse rate for any meter ratings (I
and V
)
the following formulae can be used:
1160 x (1/DF_LED) x
Where:
I
= Maximum Rated Mains current
V
= Nominal Mains Voltage
DF_LED is the dividing factor and depends on R2, R1 and R0:
The Rated Condition Select pins R0, R1 and R2 are inputs pins
used to configure the SA2102D for different Maximum Rated
Mains Currents and Nominal Mains Voltages. This feature
allows for the use of different stepper motor gear ratios.
MAX
NOM
NOM
MA
X
100
100
100
100
100
100
100
6400
3200
1600
800
6400
3200
1600
220V/10A
220V/20A
220V/40A
220V/80A
220V/6A
220V/30A
220V/60A
0
1
0
1
0
1
0
0
0
1
1
0
0
1
0
0
0
0
1
1
1
MOP and MON
Outputs
(Pulses/kWh)
LED Output
(Pulses/
kWh)
Vnom / Imax
R0
R1
R2
Table 3: Some meter constants available for several maximum
currents (I
) and with a line voltage of 220V, while in
STANDARD mode.
MAX
3600
(V
x I
) / 1000
NOM
MAX
R2
0
0
0
0
1
1
1
R1
0
0
1
1
0
0
1
R0
0
1
0
1
0
1
0
DF_LED
322
322
322
322
536
214
214
Table 3 shows some of the meter constants available for
several maximum currents (I
) and with a line voltage of
220V while in STANDARD mode.
Note that the values calculated using formulae 1 and 2 are
close approximations to the values listed in table 3. The
SA2102D has to be calibrated (using the voltage input) to give
the exact value listed.
MAX
Table 1: LED Output Constants
Table 2: MOTOR Output Constants
Direction Select Input (DIRI)
Depending on the state of the DIRI pin the energy to be
measured can be in the positive direction only, or in the
negative direction only, or in both directions.
Connecting DIRI to VDD will result in energy only being
measured in the positive direction. Energy flowing in the
negative direction will not be measured. Connecting DIRI to
VSS will result in energy only being measured in the negative
direction. Energy flowing in the positive direction will not be
measured. Connecting the DIRI pin to the DIRO output pin
enables the bi-direction mode where energy is measured
regardless of direction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com