Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2102D Datasheet(PDF) 2 Page - Sames

Part # SA2102D
Description  Single Phase Kilowatt-hour Metering IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2102D Datasheet(HTML) 2 Page - Sames

  SA2102D Datasheet HTML 1Page - Sames SA2102D Datasheet HTML 2Page - Sames SA2102D Datasheet HTML 3Page - Sames SA2102D Datasheet HTML 4Page - Sames SA2102D Datasheet HTML 5Page - Sames SA2102D Datasheet HTML 6Page - Sames SA2102D Datasheet HTML 7Page - Sames SA2102D Datasheet HTML 8Page - Sames SA2102D Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
During manufacturing, testing and shipment we take great care to protect our products against potential external
environmental damage such as Electrostatic Discharge (ESD). Although our products have ESD protection circuitry,
permanent damage may occur on products subjected to high-energy electrostatic discharges accumulated on the human
body and test equipment and can discharge without detection. Therefore, proper ESD precautions are recommended to
avoid performance degradation or loss of functionality during product handling.
ATTENTION!
Electrostatic
sensitive devices.
Requires special
handling.
sames
SA2102D
ELECTRICAL CHARACTERISTICS
(
V
= 2.5V, V
= -2.5V, over the temperature range -10°C to +85°C , unless otherwise specified. Refer to Figure 2 Test Circuit for
Electrical Characteristics.)
DD
SS
#
Condition
Unit
Max
Typ
Min
Symbol
Parameter
Supply Voltage:
Positive
Supply Voltage:
Negative
Supply Current:
Positive
Supply Current:
Negative
V
V
mA
mA
VDD
VSS
IDD
ISS
2.25
-2.75
2.5
2.5
2.75
-2.25
5
5
General
3.6
3.6
Inputs
Current Sensor Inputs
(Differential)
Input Current Range
IIP, IIN Offset Voltage
µA
mV
IIP, IIN
-25
-3.1
+25
+3.1
Peak value
Voltage Sensor Input
(Asymmetrical)
Input Current Range
Offset Voltage
Digital Inputs
µA
mV
IVP
IVP
-25
-2.5
+25
+2.5
Peak value
DIRI Input leakage
Pull down Current
R2, R1, R0, FAST, CNF, SO
R2, R1, R), FAST, CNF, SO
Input High Voltage
Input Low Voltage
DIRI
IPD
VIH
VIL
0.95
140
µA
µA
V
V
80
V-1
DD
V+1
SS
Outputs
2/16
http://www.sames.co.za
Digital Outputs
LED, DIRO
Output High Voltage
Output Low Voltage
MON, MOP
Output High Voltage
Output Low Voltage
VOH
VOL
VOH
VOL
V
V
V
V
I
= 5mA
I
= 5mA
SOURCE
SINK
I
= 15mA
I
= 15mA
SOURCE
SINK
# Extended Operating Temperature Range available on request.
V-1
DD
V+1
SS
IIP, IIN
4.4
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com