Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2102D Datasheet(PDF) 1 Page - Sames

Part # SA2102D
Description  Single Phase Kilowatt-hour Metering IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2102D Datasheet(HTML) 1 Page - Sames

  SA2102D Datasheet HTML 1Page - Sames SA2102D Datasheet HTML 2Page - Sames SA2102D Datasheet HTML 3Page - Sames SA2102D Datasheet HTML 4Page - Sames SA2102D Datasheet HTML 5Page - Sames SA2102D Datasheet HTML 6Page - Sames SA2102D Datasheet HTML 7Page - Sames SA2102D Datasheet HTML 8Page - Sames SA2102D Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FEATURES
+
+
+
+
Meets the IEC 61036 Specification requirements for
Class 1 AC static watt-hour meters for active energy
Less than 0.5% Error over a dynamic range of 1:1000
The motor drive outputs (MOP, MON) provide the average
power information and can drive an electro-mechanical
counter directly
LED pulse output for calibration purposes
sames
Single Phase Kilowatt-hour Metering IC
SA2102D
1/16
SPEC-0510 (REV. 5)
12-02-03
+
+
+
+
+
+
Bi-directional and uni-directional energy measurement
Configurable for different meter ratings
Precision on-chip oscillator (70ppm/°C drift)
Precision on-chip voltage reference (10ppm/°C drift)
On-chip anti-creep function (0.02% of Imax)
Low power consumption (<25mW typical)
DESCRIPTION
The SAMES SA2102D* is an accurate single phase
power/energy metering integrated circuit providing a single-
chip solution for energy meters. Very few external components
are required and has direct drive capability for electro
mechanical counters. The SA2102D does not require an
external crystal. A precision oscillator, which supplies the
circuitry with a stable frequency, is integrated on chip. The
SA2102D metering integrated circuit generates a pulse rate
output, the frequency of which is proportional to the power
consumption. The SA2102D performs the calculation for
active power. The method of calculation takes the power factor
into account.
Programmable inputs allow the meter manufacturer to
configure the SA2102D for different meter maximum currents
(I
) and nominal voltages (V
) without having to change
the stepper motor or impulse counter gear ratio. The LED pulse
output follows the average power consumption measured and
is intended for meter calibration purposes. In fast calibration
mode this output provides a high frequency pulse rate following
the instantaneous power consumption and can be used for fast
calibration or to interface with a microcontroller. The SA2102D
includes an anti-creep feature preventing any creep effects in
the meter. The SA2102D can be configured for positive,
negative or bi-directional energy measurement.
The SA2102D integrated circuit is pin compatible to the
SA2002D and is available in 20 pin dual-in-line plastic
(PDIP20), as well as 20 pin small outline (SOIC20) package
types.
MAX
NOM
Figure 1: Block diagram
http://www.sames.co.za
* Patents EP0559499, US5396447, PT559499T, ZA9301579, ZA9400273, ZA9702075
IIP
IIN
IVP
AGND
ADC
ADC
VOLTAGE REFERENCE
AND
CURRENT BIASING
VREF
DIGITAL
OUTPUT
DIGITAL
OUTPUT
INTEGRATION
Instantaneous
power
Average
Power
SIGNAL
PROCESSING BLOCK
POWER ON
RESET
VDD
SO
DIRI
DIRO
OSCILLATOR
AND
TIMING
DIVISION
FOR
CALIBRATION
LED OUTPUT
FAST
DIVISION
FOR
COUNTER DRIVER
LED
R0
R1
R2
MON
MOP
CNF
VSS
MOTOR
DRIVING
BUFFERS


Similar Part No. - SA2102D

ManufacturerPart #DatasheetDescription
logo
Sames
SA2102DSA SAMES-SA2102DSA Datasheet
166Kb / 16P
Reference Meter
More results

Similar Description - SA2102D

ManufacturerPart #DatasheetDescription
logo
Sames
PM9109BFE SAMES-PM9109BFE Datasheet
179Kb / 18P
MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING MODULE
PM9110BFA SAMES-PM9110BFA Datasheet
162Kb / 14P
MONOCHIP THREE PHASE BIDIRECTIONAL KILOWATT HOUR METERING MODULE
SA9109B SAMES-SA9109B Datasheet
183Kb / 18P
MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING IC
logo
Analog Devices
ADE7763 AD-ADE7763 Datasheet
1Mb / 56P
Single-Phase Active and Apparent Energy Metering IC
10/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
logo
Sames
SA2002P SAMES-SA2002P Datasheet
127Kb / 14P
Programmable Single Phase Kilowatt-hour Energy IC for Mechanical Counter Application
logo
Analog Devices
ADE7763 AD-ADE7763_15 Datasheet
828Kb / 56P
Single-Phase Active and Apparent Energy Metering IC
REV. C
logo
Sames
SA2002D SAMES-SA2002D Datasheet
100Kb / 10P
Single Phase Kilowatt-hour Metering IC for Mechanical Display Applications
SA4101A SAMES-SA4101A Datasheet
518Kb / 15P
Single Phase Kilowatt-hour Metering IC
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
Single Phase Multifunction Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com