Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2102D Datasheet(PDF) 6 Page - Sames

Part # SA2102D
Description  Single Phase Kilowatt-hour Metering IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2102D Datasheet(HTML) 6 Page - Sames

Back Button SA2102D Datasheet HTML 2Page - Sames SA2102D Datasheet HTML 3Page - Sames SA2102D Datasheet HTML 4Page - Sames SA2102D Datasheet HTML 5Page - Sames SA2102D Datasheet HTML 6Page - Sames SA2102D Datasheet HTML 7Page - Sames SA2102D Datasheet HTML 8Page - Sames SA2102D Datasheet HTML 9Page - Sames SA2102D Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
sames
SA2102D
6/16
http://www.sames.co.za
PERFORMANCE GRAPHS
Figure 4: Test circuit for performance graphs
GRAPH 2 - Linearity PF=+0.5,FREQ=50Hz,Vnom,TEMP=25°C
GRAPH 1 - Linearity PF=1,FREQ=50Hz,Vnom,TEMP=25°C
-1.5
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
1.5
0.1
1
10
100
I (Amp)
POSITIVE ENERGY
NEGATIVE ENERGY
IEC MAX
IEC MIN
-1.5
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
1.5
0.1
1
10
100
I (Amp)
POSITIVE ENERGY
NEGATIVE ENERGY
IEC MAX
IEC MIN
GRAPH 3 - Linearity PF=-0.5,FREQ=50Hz,Vnom,TEMP=25°C
I (Amp)
-1.5
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
1.5
0.1
1
10
100
POSITIVE ENERGY
NEGATIVE ENERGY
IEC MAX
IEC MIN
GRAPH 4 - Linearity PF=1,Supply=+5.5V,+5V,+4.5V
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.1
1
POSITIVE ENERGY +5V
POSITIVE ENERGY +5.5V
10
100
POSITIVE ENERGY +4.5V
I (Amp)
VDD
IIN
R1
R2
R5
R3
R4
P1
IIP
IVP
AGND
VSS FAST R0 R1 R2
VREF
LED
MOP
SA2102D
MON
DIRO DIRI
SO
Rsh
VDD
0,1A
to 80A
220V
VSS
R6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com