Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2102D Datasheet(PDF) 13 Page - Sames

Part # SA2102D
Description  Single Phase Kilowatt-hour Metering IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2102D Datasheet(HTML) 13 Page - Sames

Back Button SA2102D Datasheet HTML 8Page - Sames SA2102D Datasheet HTML 9Page - Sames SA2102D Datasheet HTML 10Page - Sames SA2102D Datasheet HTML 11Page - Sames SA2102D Datasheet HTML 12Page - Sames SA2102D Datasheet HTML 13Page - Sames SA2102D Datasheet HTML 14Page - Sames SA2102D Datasheet HTML 15Page - Sames SA2102D Datasheet HTML 16Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13/16
sames
SA2102D
http://www.sames.co.za
Parts List for Application Circuit: Figure 10
Note 1: Resistor (R6 and R7) values are dependant on the selected shunt resistor (R14) value.
Note 2: Capacitor C6 to be positioned as close as possible to supply pins.
Symbol
Description
Detail
SA2102D
Diode, Silicon, 1N4002
Diode, Silicon, 1N4002
Diode, Zener, 2.4V
Diode, Zener, 2.4V
Resistor, 110k, 1/4W, 1%, metal
Resistor, 110k, 1/4W, 1%, metal
Resistor, 110k, 1/4W, 1%, metal
Resistor, 680, 1/4W, 1%, metal
Resistor, 680, 1/4W, 1%, metal
Resistor, 820, 1/4W, 1%, metal
Resistor, 820, 1/4W, 1%, metal
Resistor, 2K, 1/4W
Resistor, 2K, 1/4W
Resistor, 22k 1/4W, 1%, metal
Resistor, 1M, 1/4W, 1%, metal
Resistor, 47k, 1/4W, 1%, metal
Trim pot, 5k, Multi turn
Capacitor, 220nF, Ceramic
Capacitor, 220nF, Ceramic
Capacitor, 100uF, 16V, electrolytic
Capacitor, 100uF, 16V, electrolytic
U1
D1
D2
D3
PDIP20/SOIC20
D4
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
P1
C1
C2
C3
C4
Resistor, 47R, 2W, 5%, wire wound
Note 1
Note 1
Capacitor, 330nF, 250VAC
Capacitor, 820nF, Ceramic
C5
C6
3mm Light emitting diode
LED1
Note 2
Shunt resistor 625µ
W
R14
3mm Light emitting diode
LED2
Stepper Motor
ICNT1
Note 1
Part Number
SA2102DPA
SA2102DSA
Package
PDIP20
SOIC20
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com