Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6566 Datasheet (PDF) - Renesas Technology Corp

ISL6566 Datasheet PDF - Renesas Technology Corp
Part # ISL6566
Download  ISL6566 Download
File Size   1388.93 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications

ISL6566 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6566 Datasheet PDF - Renesas Technology Corp

Part # ISL6566
Download  ISL6566 Click to download

File Size   1388.93 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications

ISL6566 Datasheet (HTML) - Renesas Technology Corp


ISL6566 Product details

Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications

The ISL6566 three-phase PWM control IC provides a precision voltage regulation system for advanced microprocessors. The integration of power MOSFET drivers into the controller IC marks a departure from the separate PWM controller and driver configuration of previous multiphase product families. By reducing the number of external parts, this integration is optimized for a cost and space saving power management solution.

Features
• Integrated Multi-Phase Power Conversion
    - 1, 2, or 3-Phase Operation
• Precision Core Voltage Regulation
    - Differential Remote Voltage Sensing
    - 0.5% System Accuracy Over Temperature
    - Adjustable Reference-Voltage Offset
• Precision Channel Current Sharing
    - Uses Loss-Less rDS(ON) Current Sampling
• Accurate Load Line Programming
    - Uses Loss-Less Inductor DCR Current Sampling
• Variable Gate Drive Bias: 5V to 12V
• Microprocessor Voltage Identification Inputs
    - Up to a 6-Bit DAC
    - Selectable between Intel’s VRM9, VRM10, or AMD Hammer DAC Codes
    - Dynamic VID Technology
• Overcurrent Protection
• Multi-tiered Overvoltage Protection
• Digital Soft-Start
• Selectable Operation Frequency up to 1.5MHz Per Phase
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - ISL6566

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6566 INTERSIL-ISL6566 Datasheet
799Kb / 28P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
July 25, 2005
ISL6566 INTERSIL-ISL6566 Datasheet
803Kb / 29P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
March 9, 2006
ISL6566A INTERSIL-ISL6566A Datasheet
784Kb / 28P
Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
July 27, 2005
logo
Renesas Technology Corp
ISL6566A RENESAS-ISL6566A Datasheet
1Mb / 29P
Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
logo
Intersil Corporation
ISL6566ACR INTERSIL-ISL6566ACR Datasheet
784Kb / 28P
Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
July 27, 2005
More results


Similar Description - ISL6566

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6566 INTERSIL-ISL6566 Datasheet
799Kb / 28P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
July 25, 2005
ISL6568 INTERSIL-ISL6568 Datasheet
716Kb / 28P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
July 25, 2005
ISL6566 INTERSIL-ISL6566_06 Datasheet
803Kb / 29P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
March 9, 2006
ISL6568 INTERSIL-ISL6568_06 Datasheet
725Kb / 29P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
March 9, 2006
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6314 INTERSIL-ISL6314 Datasheet
820Kb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
ISL6313BCRZ INTERSIL-ISL6313BCRZ Datasheet
630Kb / 33P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
logo
Renesas Technology Corp
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6314 RENESAS-ISL6314 Datasheet
1Mb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6568 RENESAS-ISL6568 Datasheet
1Mb / 30P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com