Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6566 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6566
Description  Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6566 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6566 Datasheet HTML 1Page - Renesas Technology Corp ISL6566 Datasheet HTML 2Page - Renesas Technology Corp ISL6566 Datasheet HTML 3Page - Renesas Technology Corp ISL6566 Datasheet HTML 4Page - Renesas Technology Corp ISL6566 Datasheet HTML 5Page - Renesas Technology Corp ISL6566 Datasheet HTML 6Page - Renesas Technology Corp ISL6566 Datasheet HTML 7Page - Renesas Technology Corp ISL6566 Datasheet HTML 8Page - Renesas Technology Corp ISL6566 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
FN9178 Rev 4.00
Page 1 of 30
Mar 9, 2006
FN9178
Rev 4.00
Mar 9, 2006
ISL6566
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9,
VRM10, and AMD Hammer Applications
DATASHEET
The ISL6566 three-phase PWM control IC provides a
precision voltage regulation system for advanced
microprocessors. The integration of power MOSFET drivers
into the controller IC marks a departure from the separate
PWM controller and driver configuration of previous multi-
phase product families. By reducing the number of external
parts, this integration is optimized for a cost and space
saving power management solution.
Outstanding features of this controller IC include
programmable VID codes compatible with Intel VRM9,
VRM10, as well as AMD Hammer microprocessors. A unity
gain, differential amplifier is provided for remote voltage
sensing, compensating for any potential difference between
remote and local grounds. The output voltage can also be
positively or negatively offset through the use of a single
external resistor.
A unique feature of the ISL6566 is the combined use of both
DCR and rDS(ON) current sensing. Load line voltage
positioning (droop) and overcurrent protection are
accomplished through continuous inductor DCR current
sensing, while rDS(ON) current sensing is used for accurate
channel-current balance. Using both methods of current
sampling utilizes the best advantages of each technique.
Protection features of this controller IC include a set of
sophisticated overvoltage, undervoltage, and overcurrent
protection. Overvoltage results in the converter turning the
lower MOSFETs ON to clamp the rising output voltage and
protect the microprocessor. The overcurrent protection level
is set through a single external resistor. Furthermore, the
ISL6566 includes protection against an open circuit on the
remote sensing inputs. Combined, these features provide
advanced protection for the microprocessor and power
system.
Features
• Integrated Multi-Phase Power Conversion
- 1, 2, or 3-Phase Operation
• Precision Core Voltage Regulation
- Differential Remote Voltage Sensing
-
0.5% System Accuracy Over Temperature
- Adjustable Reference-Voltage Offset
• Precision Channel Current Sharing
- Uses Loss-Less rDS(ON) Current Sampling
• Accurate Load Line Programming
- Uses Loss-Less Inductor DCR Current Sampling
• Variable Gate Drive Bias: 5V to 12V
• Microprocessor Voltage Identification Inputs
- Up to a 6-Bit DAC
- Selectable between Intel’s VRM9, VRM10, or AMD
Hammer DAC Codes
- Dynamic VID Technology
• Overcurrent Protection
• Multi-tiered Overvoltage Protection
• Digital Soft-Start
• Selectable Operation Frequency up to 1.5MHz Per Phase
• Pb-Free Plus Anneal Available (RoHS Compliant)
Pinout
ISL6566 (QFN)
TOP VIEW
VID1
VID0
VID12.5
VRM10
REF
OFS
VCC
COMP
FB
VDIFF
1
40
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
BOOT1
PHASE1
PHASE2
UGATE2
BOOT2
ISEN2
PVCC2
LGATE2
PHASE3
BOOT3
41
GND


Similar Part No. - ISL6566

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6566 INTERSIL-ISL6566 Datasheet
799Kb / 28P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
July 25, 2005
ISL6566 INTERSIL-ISL6566 Datasheet
803Kb / 29P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
March 9, 2006
ISL6566A INTERSIL-ISL6566A Datasheet
784Kb / 28P
Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
July 27, 2005
logo
Renesas Technology Corp
ISL6566A RENESAS-ISL6566A Datasheet
1Mb / 29P
Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
logo
Intersil Corporation
ISL6566ACR INTERSIL-ISL6566ACR Datasheet
784Kb / 28P
Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
July 27, 2005
More results

Similar Description - ISL6566

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6566 INTERSIL-ISL6566 Datasheet
799Kb / 28P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
July 25, 2005
ISL6568 INTERSIL-ISL6568 Datasheet
716Kb / 28P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
July 25, 2005
ISL6566 INTERSIL-ISL6566_06 Datasheet
803Kb / 29P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
March 9, 2006
ISL6568 INTERSIL-ISL6568_06 Datasheet
725Kb / 29P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
March 9, 2006
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6314 INTERSIL-ISL6314 Datasheet
820Kb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
ISL6313BCRZ INTERSIL-ISL6313BCRZ Datasheet
630Kb / 33P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
logo
Renesas Technology Corp
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6314 RENESAS-ISL6314 Datasheet
1Mb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6568 RENESAS-ISL6568 Datasheet
1Mb / 30P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com