Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6566 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # ISL6566
Description  Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6566 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button ISL6566 Datasheet HTML 22Page - Renesas Technology Corp ISL6566 Datasheet HTML 23Page - Renesas Technology Corp ISL6566 Datasheet HTML 24Page - Renesas Technology Corp ISL6566 Datasheet HTML 25Page - Renesas Technology Corp ISL6566 Datasheet HTML 26Page - Renesas Technology Corp ISL6566 Datasheet HTML 27Page - Renesas Technology Corp ISL6566 Datasheet HTML 28Page - Renesas Technology Corp ISL6566 Datasheet HTML 29Page - Renesas Technology Corp ISL6566 Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
ISL6566
FN9178 Rev 4.00
Page 27 of 30
Mar 9, 2006
Thermal Management
For maximum thermal performance in high current, high
switching frequency applications, connecting the thermal GND
pad of the ISL6566 to the ground plane with multiple vias is
recommended. This heat spreading allows the part to achieve
its full thermal potential. It is also recommended that the
controller be placed in a direct path of airflow if possible to help
thermally manage the part.
Suppressing MOSFET Gate Leakage
With VCC at ground potential, UGATE is high impedance. In
this state, any stray leakage has the potential to deliver charge
to the gate of the upper MOSFET. If UGATE receives sufficient
charge to bias the device on, a low impedance path will be
connected between the upper MOSFET drain and PHASE. If
this occurs and the input power supply is present and active,
the system could see potentially damaging current. Worst-case
leakage currents are on the order of pico-amps; therefore, a
10k
 resistor, connected from UGATE to PHASE, is more than
sufficient to bleed off any stray leakage current. This resistor
will not affect the normal performance of the driver or reduce its
efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com