Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6566 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # ISL6566
Description  Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6566 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button ISL6566 Datasheet HTML 22Page - Renesas Technology Corp ISL6566 Datasheet HTML 23Page - Renesas Technology Corp ISL6566 Datasheet HTML 24Page - Renesas Technology Corp ISL6566 Datasheet HTML 25Page - Renesas Technology Corp ISL6566 Datasheet HTML 26Page - Renesas Technology Corp ISL6566 Datasheet HTML 27Page - Renesas Technology Corp ISL6566 Datasheet HTML 28Page - Renesas Technology Corp ISL6566 Datasheet HTML 29Page - Renesas Technology Corp ISL6566 Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
ISL6566
FN9178 Rev 4.00
Page 28 of 30
Mar 9, 2006
VIA CONNECTION TO GROUND PLANE
ISLAND ON POWER PLANE LAYER
ISLAND ON CIRCUIT PLANE LAYER
KEY
FIGURE 25. PRINTED CIRCUIT BOARD POWER PLANES AND ISLANDS
HEAVY TRACE ON CIRCUIT PLANE LAYER
VID3
VID4
PGOOD
VID2
VID1
VID0
VDIFF
FB
COMP
VCC
ISEN1
ISL6566
VID12.5
FS
OFS
REF
+12V
+12V
+12V
PHASE1
UGATE1
BOOT1
LGATE1
ISEN2
PHASE2
UGATE2
BOOT2
LGATE2
ISEN3
PHASE3
UGATE3
BOOT3
LGATE3
ISUM
ICOMP
IREF
LOAD
VSEN
RGND
OCSET
VRM10
+5V
PVCC1
PVCC2
PVCC3
ENLL
+12V
GND
CBOOT1
CBOOT2
RISEN1
R1
C1
C2
ROFS
RFB
RISEN2
RISEN3
CBOOT3
CBIN1
CBIN2
(CHFOUT)
CBOUT
(CF1)
(CF2)
CBIN3
RT
CREF
LOCATE CLOSE TO IC
LOCATE NEAR LOAD;
(MINIMIZE CONNECTION PATH)
LOCATE NEAR SWITCHING TRANSISTORS;
(MINIMIZE CONNECTION PATH)
(MINIMIZE CONNECTION PATH)
(CF2)
(CF2)
CCOMP
RCOMP
RS
RS
RS
ROCSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com