Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6566 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL6566
Description  Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6566 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL6566 Datasheet HTML 3Page - Renesas Technology Corp ISL6566 Datasheet HTML 4Page - Renesas Technology Corp ISL6566 Datasheet HTML 5Page - Renesas Technology Corp ISL6566 Datasheet HTML 6Page - Renesas Technology Corp ISL6566 Datasheet HTML 7Page - Renesas Technology Corp ISL6566 Datasheet HTML 8Page - Renesas Technology Corp ISL6566 Datasheet HTML 9Page - Renesas Technology Corp ISL6566 Datasheet HTML 10Page - Renesas Technology Corp ISL6566 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
ISL6566
FN9178 Rev 4.00
Page 7 of 30
Mar 9, 2006
ERROR AMPLIFIER
DC Gain (Note 3)
RL = 10K to ground
-
96
-
dB
Gain-Bandwidth Product (Note 3)
CL = 100pF, RL = 10K to ground
-
20
-
MHz
Slew Rate (Note 3)
CL = 100pF, Load = 400A-
8
-
V/
s
Maximum Output Voltage
Load = 1mA
3.90
4.20
-
V
Minimum Output Voltage
Load = -1mA
-
0.85
1.0
V
OVERCURRENT PROTECTION
OCSET trip current
93
100
107
A
OCSET Accuracy
OCSET and ISUM Difference
-5
0
5
mV
ICOMP Offset
-5
0
5
mV
PROTECTION
Undervoltage Threshold
VSEN falling
80
82
84
%VID
Undervoltage Hysteresis
VSEN Rising
-
3
-
%VID
Overvoltage Threshold while IC Disabled
VOVP, VRM9.0 Configuration
1.92
1.97
2.02
V
VOVP, Hammer and VRM10.0 Configurations
1.62
1.67
1.72
V
Overvoltage Threshold
VSEN Rising
VID +
125mV
VID +
150mV
VID +
175mV
V
Overvoltage Hysteresis
VSEN Falling
-
50
-
mV
Open Sense-Line Protection Threshold
IREF Rising and Falling
VDIFF
+ 0.9V
VDIFF +
1V
VDIFF
+ 1.1V
V
SWITCHING TIME (Note 3)
UGATE Rise Time
tRUGATE; VPVCC = 12V, 3nF Load, 10% to 90%
-
26
-
ns
LGATE Rise Time
tRLGATE; VPVCC = 12V, 3nF Load, 10% to 90%
-
18
-
ns
UGATE Fall Time
tFUGATE; VPVCC = 12V, 3nF Load, 90% to 10%
-
18
-
ns
LGATE Fall Time
tFLGATE; VPVCC = 12V, 3nF Load, 90% to 10%
-
12
-
ns
UGATE Turn-On Non-overlap
tPDHUGATE; VPVCC = 12V, 3nF Load, Adaptive
-
10
-
ns
LGATE Turn-On Non-overlap
tPDHLGATE; VPVCC = 12V, 3nF Load, Adaptive
-
10
-
ns
GATE DRIVE RESISTANCE (Note 3)
Upper Drive Source Resistance
VPVCC = 12V, 15mA Source Current
1.25
2.0
3.0
Upper Drive Sink Resistance
VPVCC = 12V, 15mA Sink Current
0.9
1.65
3.0
Lower Drive Source Resistance
VPVCC = 12V, 15mA Source Current
0.85
1.25
2.2
Lower Drive Sink Resistance
VPVCC = 12V, 15mA Sink Current
0.60
0.80
1.35
OVER TEMPERATURE SHUTDOWN
Thermal Shutdown Setpoint (Note 3)
-
160
-
°C
Thermal Recovery Setpoint (Note 3)
-
100
-
°C
NOTE:
3. Parameter magnitude guaranteed by design. Not 100% tested.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com