Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6566 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL6566
Description  Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6566 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL6566 Datasheet HTML 2Page - Renesas Technology Corp ISL6566 Datasheet HTML 3Page - Renesas Technology Corp ISL6566 Datasheet HTML 4Page - Renesas Technology Corp ISL6566 Datasheet HTML 5Page - Renesas Technology Corp ISL6566 Datasheet HTML 6Page - Renesas Technology Corp ISL6566 Datasheet HTML 7Page - Renesas Technology Corp ISL6566 Datasheet HTML 8Page - Renesas Technology Corp ISL6566 Datasheet HTML 9Page - Renesas Technology Corp ISL6566 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ISL6566
FN9178 Rev 4.00
Page 6 of 30
Mar 9, 2006
Absolute Maximum Ratings
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
Supply Voltage, PVCC . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +15V
Absolute Boot Voltage, VBOOT . . . . . . . . GND - 0.3V to GND + 36V
Phase Voltage, VPHASE . . . . . . . . GND - 0.3V to 15V (PVCC = 12)
GND - 8V (<400ns, 20µJ) to 24V (<200ns, VBOOT-PHASE = 12V)
Upper Gate Voltage, VUGATE . . . . VPHASE - 0.3V to VBOOT + 0.3V
VPHASE - 3.5V (<100ns Pulse Width, 2µJ) to VBOOT + 0.3V
Lower Gate Voltage, VLGATE. . . . . . . . GND - 0.3V to PVCC + 0.3V
GND - 5V (<100ns Pulse Width, 2µJ) to PVCC+ 0.3V
Input, Output, or I/O Voltage . . . . . . . . . GND - 0.3V to VCC + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . Class I JEDEC STD
Recommended Operating Conditions
VCC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V
5%
PVCC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . +5V to 12V
5%
Ambient Temperature (ISL6566CR, ISL6566CRZ) . . . . 0°C to 70°C
Ambient Temperature (ISL6566IR, ISL6566IRZ) . . . . .-40°C to 85°C
Thermal Information
Thermal Resistance
JA (°C/W) JC (°C/W)
QFN Package (Notes 1, 2) . . . . . . . . . .
32
3.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
CAUTION: Stress above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational section of this specification is not implied.
NOTES:
1.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
BIAS SUPPLY AND INTERNAL OSCILLATOR
Input Bias Supply Current
IVCC; ENLL = high
-
15
20
mA
Gate Drive Bias Current
IPVCC; ENLL = high
-
0.8
-
mA
VCC POR (Power-On Reset) Threshold
VCC Rising
4.25
4.38
4.50
V
VCC Falling
3.75
3.88
4.00
V
PVCC POR (Power-On Reset) Threshold
PVCC Rising
4.25
4.38
4.50
V
PVCC Falling
3.60
3.88
4.00
V
Oscillator Ramp Amplitude (Note 3)
VPP
-1.50
-
V
Maximum Duty Cycle (Note 3)
-
66.6
-
%
Oscillator Frequency, FSW
RT = 100k (1%)
225
250
275
kHz
CONTROL THRESHOLDS
ENLL Rising Threshold
-0.66
-
V
ENLL Hysteresis
-
100
-
mV
COMP Shutdown Threshold
COMP Falling
0.2
0.3
0.4
V
REFERENCE AND DAC
System Accuracy (VID = 1.0V - 1.850V)
-0.5
-
0.5
%
System Accuracy (VID = 0.8V - 1.0V)
-0.8
-
0.8
%
DAC Input Low Voltage (VR9, VR10)
--
0.4
V
DAC Input High Voltage (VR9, VR10)
0.8
-
-
V
DAC Input Low Voltage (AMD)
--
0.6
V
DAC Input High Voltage (AMD)
1.0
-
-
V
OFS Sink Current Accuracy (Negative Offset)
ROFS = 30kfrom OFS to VCC
47.5
50.0
52.5
A
OFS Source Current Accuracy (Positive Offset)
ROFS = 10kfrom OFS to GND
47.5
50.0
52.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com