Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6566 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # ISL6566
Description  Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6566 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button ISL6566 Datasheet HTML 22Page - Renesas Technology Corp ISL6566 Datasheet HTML 23Page - Renesas Technology Corp ISL6566 Datasheet HTML 24Page - Renesas Technology Corp ISL6566 Datasheet HTML 25Page - Renesas Technology Corp ISL6566 Datasheet HTML 26Page - Renesas Technology Corp ISL6566 Datasheet HTML 27Page - Renesas Technology Corp ISL6566 Datasheet HTML 28Page - Renesas Technology Corp ISL6566 Datasheet HTML 29Page - Renesas Technology Corp ISL6566 Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
ISL6566
FN9178 Rev 4.00
Page 26 of 30
Mar 9, 2006
Low capacitance, high-frequency ceramic capacitors are
needed in addition to the input bulk capacitors to suppress
leading and falling edge voltage spikes. The spikes result from
the high current slew rate produced by the upper MOSFET turn
on and off. Select low ESL ceramic capacitors and place one as
close as possible to each upper MOSFET drain to minimize
board parasitics and maximize suppression.
Layout Considerations
MOSFETs switch very fast and efficiently. The speed with
which the current transitions from one device to another
causes voltage spikes across the interconnecting impedances
and parasitic circuit elements. These voltage spikes can
degrade efficiency, radiate noise into the circuit and lead to
device overvoltage stress. Careful component selection,
layout, and placement minimizes these voltage spikes.
Consider, as an example, the turnoff transition of the upper
PWM MOSFET. Prior to turnoff, the upper MOSFET was
carrying channel current. During the turnoff, current stops
flowing in the upper MOSFET and is picked up by the lower
MOSFET. Any inductance in the switched current path
generates a large voltage spike during the switching interval.
Careful component selection, tight layout of the critical
components, and short, wide circuit traces minimize the
magnitude of voltage spikes.
There are two sets of critical components in a DC-DC
converter using a ISL6566 controller. The power components
are the most critical because they switch large amounts of
energy. Next are small signal components that connect to
sensitive nodes or supply critical bypassing current and signal
coupling.
The power components should be placed first, which include the
MOSFETs, input and output capacitors, and the inductors. It is
important to have a symmetrical layout for each power train,
preferably with the controller located equidistant from each.
Symmetrical layout allows heat to be dissipated equally across
all three power trains. Equidistant placement of the controller to
the three power trains also helps keep the gate drive traces
equally short, resulting in equal trace impedances and similar
drive capability of all sets of MOSFETs.
When placing the MOSFETs try to keep the source of the upper
FETs and the drain of the lower FETs as close as thermally
possible. Input Bulk capacitors should be placed close to the
drain of the upper FETs and the source of the lower FETs. Locate
the output inductors and output capacitors between the
MOSFETs and the load. The high-frequency input and output
decoupling capacitors (ceramic) should be placed as close as
practicable to the decoupling target, making use of the shortest
connection paths to any internal planes, such as vias to GND next
or on the capacitor solder pad.
The critical small components include the bypass capacitors
for VCC and PVCC, and many of the components surrounding
the controller including the feedback network and current
sense components. Locate the VCC/PVCC bypass capacitors
as close to the ISL6566 as possible. It is especially important
to locate the components associated with the feedback circuit
close to their respective controller pins, since they belong to a
high-impedance circuit loop, sensitive to EMI pick-up. It is also
important to place the current sense components close to their
respective pins on the ISL6566, including RISEN, RS, RCOMP,
and CCOMP.
A multi-layer printed circuit board is recommended. Figure 25
shows the connections of the critical components for the
converter. Note that capacitors CxxIN and CxxOUT could each
represent numerous physical capacitors. Dedicate one solid layer,
usually the one underneath the component side of the board, for a
ground plane and make all critical component ground connections
with vias to this layer. Dedicate another solid layer as a power
plane and break this plane into smaller islands of common voltage
levels. Keep the metal runs from the PHASE terminal to output
inductors short. The power plane should support the input power
and output power nodes. Use copper filled polygons on the top
and bottom circuit layers for the phase nodes. Use the remaining
printed circuit layers for small signal wiring.
Routing UGATE, LGATE, and PHASE traces
Great attention should be paid to routing the UGATE, LGATE,
and PHASE traces since they drive the power train MOSFETs
using short, high current pulses. It is important to size them as
large and as short as possible to reduce their overall impedance
and inductance. They should be sized to carry at least one
ampere of current (0.02” to 0.05”). Going between layers with
vias should also be avoided, but if so, use two vias for
interconnection when possible.
Extra care should be given to the LGATE traces in particular
since keeping their impedance and inductance low helps to
significantly reduce the possibility of shoot-through. It is also
important to route each channels UGATE and PHASE traces in
as close proximity as possible to reduce their inductances.
FIGURE 24. NORMALIZED INPUT-CAPACITOR RMS
CURRENT FOR SINGLE-PHASE CONVERTER
00.4
1.0
0.2
0.6
0.8
DUTY CYCLE (VIN/VO)
0.6
0.2
0
0.4
IL,PP = 0
IL,PP = 0.5 IO
IL,PP = 0.75 IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com