Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6566 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL6566
Description  Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6566 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL6566 Datasheet HTML 15Page - Renesas Technology Corp ISL6566 Datasheet HTML 16Page - Renesas Technology Corp ISL6566 Datasheet HTML 17Page - Renesas Technology Corp ISL6566 Datasheet HTML 18Page - Renesas Technology Corp ISL6566 Datasheet HTML 19Page - Renesas Technology Corp ISL6566 Datasheet HTML 20Page - Renesas Technology Corp ISL6566 Datasheet HTML 21Page - Renesas Technology Corp ISL6566 Datasheet HTML 22Page - Renesas Technology Corp ISL6566 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
ISL6566
FN9178 Rev 4.00
Page 19 of 30
Mar 9, 2006
Fault Monitoring and Protection
The ISL6566 actively monitors output voltage and current to
detect fault conditions. Fault monitors trigger protective
measures to prevent damage to a microprocessor load. One
common power good indicator is provided for linking to
external system monitors. The schematic in Figure 13
outlines the interaction between the fault monitors and the
power good signal.
Power Good Signal
The power good pin (PGOOD) is an open-drain logic output
that transitions high when the converter is operating after
soft-start. PGOOD pulls low during shutdown and releases
high after a successful soft-start. PGOOD transitions low
when an undervoltage, overvoltage, or overcurrent condition
is detected or when the controller is disabled by a reset from
ENLL, POR, or one of the no-CPU VID codes. If after an
undervoltage or overvoltage event occurs the output returns
to within under and overvoltage limits, PGOOD will return
high.
Undervoltage Detection
The undervoltage threshold is set at 82% of the VID code.
When the output voltage (VSEN-RGND) is below the
undervoltage threshold, PGOOD gets pulled low. No other
action is taken by the controller. PGOOD will return high if
the output voltage rises above 85% of the VID code.
Overvoltage Protection
The ISL6566 constantly monitors the difference between the
VSEN and RGND voltages to detect if an overvoltage event
occurs. During soft-start, while the DAC is ramping up, the
overvoltage trip level is the higher of DAC plus 150mV or a
fixed voltage, VOVP. The fixed voltage, VOVP, is 1.67V when
running in AMD Hammer, or VRM10 modes, and 1.97V for
VRM9 mode. Upon successful soft-start, the overvoltage trip
level is only DAC plus 150mV. OVP releases 50mV below its
trip point if it was “DAC plus 150mV” that tripped it, and
releases 100mV below its trip point if it was the fixed voltage,
VOVP, that tripped it. Actions are taken by the ISL6566 to
protect the microprocessor load when an overvoltage
condition occurs, until the output voltage falls back within set
limits.
At the inception of an overvoltage event, all LGATE signals
are commanded high, and the PGOOD signal is driven low.
This causes the controller to turn on the lower MOSFETs
and pull the output voltage below a level that might cause
damage to the load. The LGATE outputs remain high until
VDIFF falls to within the overvoltage limits explained above.
The ISL6566 will continue to protect the load in this fashion
as long as the overvoltage condition recurs.
Once an overvoltage condition ends the ISL6566 continues
normal operation and PGOOD returns high.
Pre-POR Overvoltage Protection
Prior to PVCC and VCC exceeding their POR levels, the
ISL6566 is designed to protect the load from any overvoltage
events that may occur. This is accomplished by means of an
internal 10k
 resistor tied from PHASE to LGATE, which
turns on the lower MOSFET to control the output voltage
until the overvoltage event ceases or the input power supply
cuts off. For complete protection, the low side MOSFET
should have a gate threshold well below the maximum
voltage rating of the load/microprocessor.
In the event that during normal operation the PVCC or VCC
voltage falls back below the POR threshold, the pre-POR
overvoltage protection circuitry reactivates to protect from
any more pre-POR overvoltage events.
Open Sense Line Protection
In the case that either of the remote sense lines, VSEN or
GND, become open, the ISL6566 is designed to detect this
and shut down the controller. This event is detected by
monitoring the voltage on the IREF pin, which is a local
version of VOUT sensed at the outputs of the inductors.
FIGURE 13. POWER GOOD AND PROTECTION CIRCUITRY
-
+
VID + 150mV
VSEN
-
+
0.82 x DAC
OV
UV
PGOOD
SOFT-START, FAULT
AND CONTROL LOGIC
OC
-
+
ISEN
IREF
ISUM
ICOMP
OCSET
ROCSET
+
-
VDROOP
VOCSET +
-
VOVP
100uA
ISL6566 INTERNAL CIRCUITRY
-
+
RGND
x1
-
+
+1V
VDIFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com