Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6566 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL6566
Description  Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6566 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL6566 Datasheet HTML 4Page - Renesas Technology Corp ISL6566 Datasheet HTML 5Page - Renesas Technology Corp ISL6566 Datasheet HTML 6Page - Renesas Technology Corp ISL6566 Datasheet HTML 7Page - Renesas Technology Corp ISL6566 Datasheet HTML 8Page - Renesas Technology Corp ISL6566 Datasheet HTML 9Page - Renesas Technology Corp ISL6566 Datasheet HTML 10Page - Renesas Technology Corp ISL6566 Datasheet HTML 11Page - Renesas Technology Corp ISL6566 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ISL6566
FN9178 Rev 4.00
Page 8 of 30
Mar 9, 2006
Timing Diagram
Simplified Power System Diagram
Functional Pin Description
VCC
VCC is the bias supply for the ICs small-signal circuitry.
Connect this pin to a +5V supply and locally decouple using
a quality 1.0
F ceramic capacitor.
PVCC1, PVCC2, PVCC3
These pins are the power supply pins for the corresponding
channel MOSFET drive, and can be connected to any
voltage from +5V to +12V, depending on the desired
MOSFET gate drive level.
The number of active channels is determined by the state of
PVCC2 and PVCC3. Leave PVCC3 unconnected or
grounded for 2-phase operation. For 1-phase operation
leave both PVCC3 and PVCC2 unconnected or grounded.
GND
GND is the bias and reference ground for the IC.
ENLL
This pin is a threshold-sensitive (approximately 0.66V) enable
input for the controller. Held low, this pin disables controller
operation. Pulled high, the pin enables the controller for
operation. ENLL has a internal 1.0
A pull-up to 5V.
FS
A resistor, placed from FS to ground, will set the switching
frequency. Refer to Equation 34 for proper resistor
calculation.
UGATE
LGATE
tFLGATE
tPDHUGATE
tRUGATE
tFUGATE
tPDHLGATE
tRLGATE
CHANNEL1
+5VIN
VOUT
Q1
Q2
ISL6566
CHANNEL2
Q3
Q4
DAC
5-6
VID
CHANNEL3
Q5
Q6
+12VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com