Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5264-2.8 Datasheet (PDF) - Micrel Semiconductor

MIC5264-2.8 Datasheet PDF - Micrel Semiconductor
Part # MIC5264-2.8
Download  MIC5264-2.8 Download
File Size   327.15 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA UCap Dual LDO Regulator

MIC5264-2.8 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5264-2.8 Datasheet PDF - Micrel Semiconductor

Part # MIC5264-2.8
Download  MIC5264-2.8 Click to download

File Size   327.15 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA UCap Dual LDO Regulator

MIC5264-2.8 Datasheet (HTML) - Micrel Semiconductor


MIC5264-2.8 Product details

General Description
The MIC5264 is a dual 150mA LDO in tiny 2.5mm x 2.5mm MLF® packaging ideal for applications where cost is the priority. The MIC5264 is ideal for any application in portable electronics, including both RF and Digital applications. With low output noise and high PSRR, the MIC5264 is ideal for noise sensitive RF applications. While the fast transient response and active shutdown circuitry makes it well-suited for powering digital circuitry.

Features
• 2.7V to 5.5V supply voltage.
• Low 75µA quiescent current per LDO.
• Tiny 2.5mm x 2.5mm MLF® package.
• Low Noise – 57µVrms.
• High PSRR – 60dB at 1kHz.
• Low dropout voltage – 210mV at 150mA.
• Stable with ceramic output capacitors.
• Independent enable pins.
• Fast transient response.
• Active shutdown on both outputs.

Applications
• Cellular Telephones
• PDAs
• GPS Receivers




Similar Part No. - MIC5264-2.8

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5264-2.8/1.5YML MICREL-MIC5264-2.8/1.5YML Datasheet
337Kb / 11P
150mA 關Cap Dual LDO Regulator
MIC5264-2.8/2.5YML MICREL-MIC5264-2.8/2.5YML Datasheet
337Kb / 11P
150mA 關Cap Dual LDO Regulator
MIC5264-2.8/2.6YML MICREL-MIC5264-2.8/2.6YML Datasheet
337Kb / 11P
150mA 關Cap Dual LDO Regulator
MIC5264-2.8/2.8YML MICREL-MIC5264-2.8/2.8YML Datasheet
337Kb / 11P
150mA 關Cap Dual LDO Regulator
MIC5264-2.85/1.8YML MICREL-MIC5264-2.85/1.8YML Datasheet
337Kb / 11P
150mA 關Cap Dual LDO Regulator
More results


Similar Description - MIC5264-2.8

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5258 MICREL-MIC5258 Datasheet
70Kb / 12P
150mA UCap CMOS LDO Regulator w/Power Good
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
150mA UCap Ultra-Low Dropout LDO Regulator
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
150mA UCap LDO with Error Flag
MIC5248 MICREL-MIC5248 Datasheet
64Kb / 12P
150mA UCap CMOS LDO Regulator w/Power Good
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
150mA UCap CMOS LDO Regulator w/Power Good
MIC5254 MICREL-MIC5254 Datasheet
160Kb / 11P
DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
150mA uCap LDO Regulator
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
150mA DUAL LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com