Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5331 Datasheet (PDF) - Anpec Electronics Coropration

APL5331 Datasheet PDF - Anpec Electronics Coropration
Part # APL5331
Download  APL5331 Download
File Size   230.89 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A Bus Termination Regulator

APL5331 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5331 Datasheet PDF - Anpec Electronics Coropration

Part # APL5331
Download  APL5331 Click to download

File Size   230.89 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A Bus Termination Regulator

APL5331 Datasheet (HTML) - Anpec Electronics Coropration


APL5331 Product details

General  Description

The APL5331 linear  regulator  is  designed  to  provide  a regulated  voltage  with  bi-directional   output  current  for DDR-SDRAM  terminati on  voltage.  The APL5331  integrates  two  power  transistors  to  source  or sink  current up to 3A. It also incorporates current-limit, thermal shut down and shutdown control functions into a single chip.



Features

• Provide Bi-direction Current

  - Sourcing or Sinking Current up to 3A

• 1.25V/0.9V Output for DDR I/II Applications

• Fast Transient Response

• High Output Accuracy

  - ±20mV over Load, VOUT Offset and Temperature

• Adjustable Output Voltage by External Resistors

• Current-Limit Protection

• On-Chip Thermal Shutdown

• Shutdown for Standby or Suspend Mode

• Simple SOP-8, SOP-8P with thermal pad, TO-252-5 and TO-263-5 Packages

• Lead Free and Green Devices Available (RoHS Compliant)



Applications

• DDR  I/II  SDRAM  T ermination

• SSTL-2/3 Termination Voltage

• Applications  Requiring  the  Regulator  with Bi-directional  3A  Current  Capability




Similar Part No. - APL5331

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5331 ANPEC-APL5331 Datasheet
714Kb / 23P
3A Bus Termination Regulator
APL5331G5C-TRG ANPEC-APL5331G5C-TRG Datasheet
714Kb / 23P
3A Bus Termination Regulator
APL5331G5C-TRL ANPEC-APL5331G5C-TRL Datasheet
714Kb / 23P
3A Bus Termination Regulator
APL5331KAC-TRG ANPEC-APL5331KAC-TRG Datasheet
714Kb / 23P
3A Bus Termination Regulator
APL5331KAC-TRL ANPEC-APL5331KAC-TRL Datasheet
714Kb / 23P
3A Bus Termination Regulator
More results


Similar Description - APL5331

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
3A Bus Termination Regulator
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516 Datasheet
139Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
3A BUS TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5331 ANPEC-APL5331_08 Datasheet
714Kb / 23P
3A Bus Termination Regulator
APL5333 ANPEC-APL5333 Datasheet
443Kb / 16P
3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C_15 Datasheet
236Kb / 8P
3A BUS TERMINATION REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com