Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5331 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5331 Datasheet HTML 1Page - Anpec Electronics Coropration APL5331 Datasheet HTML 2Page - Anpec Electronics Coropration APL5331 Datasheet HTML 3Page - Anpec Electronics Coropration APL5331 Datasheet HTML 4Page - Anpec Electronics Coropration APL5331 Datasheet HTML 5Page - Anpec Electronics Coropration APL5331 Datasheet HTML 6Page - Anpec Electronics Coropration APL5331 Datasheet HTML 7Page - Anpec Electronics Coropration APL5331 Datasheet HTML 8Page - Anpec Electronics Coropration APL5331 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.8 - Oct., 2003
APL5331
www.anpec.com.tw
3
Symbol
Parameter
Range
Unit
VCNTL
VCNTL Supply Voltage
3.1 ~ 6V
V
VIN
VIN Supply Voltage
1.6 ~ 3.5
V
VREF
VREF Input Voltage
0.8 ~ 1.75
V
IOUT
VOUT Output Current (Note1, 2)
-3 ~ +3
A
TJ
Junction Temperature
0 ~ 125
oC

Symbol
Parameter
Rating
Unit
VCNTL
VCNTL Supply Voltage, VCNTL to GND
-0.2 ~ 7
V
VIN
VIN Supply Voltage, VIN to GND
-0.2 ~ 3.9
V
PD
Power Dissipation
Internally Limited
W
TJ
Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Soldering Temperature, 10 Seconds
300
oC
VESD
Minimum ESD Rating (Human Body Mode)
±3
kV

Note1 : The symbol “+” means the VOUT sources current to load; the symbol “-“ means the VOUT sinks
current to GND.
Note2 : The max. IOUT varies with the TJ. Please refer to the typical characteristics.
Absolute Maximum Ratings
Thermal Characteristics
Symbol
Parameter
Rating
Unit
θ
JA
Thermal Resistance in Free Air
SOP-8
SOP-8-P
TO-252-5
TO-263-5
160
80
80
50
°C/W
Recommended Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com