Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5331 Datasheet(PDF) 17 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 17 Page - Anpec Electronics Coropration

Back Button APL5331 Datasheet HTML 12Page - Anpec Electronics Coropration APL5331 Datasheet HTML 13Page - Anpec Electronics Coropration APL5331 Datasheet HTML 14Page - Anpec Electronics Coropration APL5331 Datasheet HTML 15Page - Anpec Electronics Coropration APL5331 Datasheet HTML 16Page - Anpec Electronics Coropration APL5331 Datasheet HTML 17Page - Anpec Electronics Coropration APL5331 Datasheet HTML 18Page - Anpec Electronics Coropration APL5331 Datasheet HTML 19Page - Anpec Electronics Coropration APL5331 Datasheet HTML 20Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.8 - Oct., 2003
APL5331
www.anpec.com.tw
17
Packaging Information
TO-263-5
M ill im et er s
I nc h e s
Dim
Mi n .
Ma x .
Mi n .
Ma x .
A
4. 0 6
4. 8 3
0 . 160
0 . 190
b
0. 5 0
0. 9 9
0 . 020
0 . 039
b1
1. 5 2
1. 8 3
0 . 060
0 . 072
c
0 . 457
0 . 736
0 . 018
0 . 029
c1
1. 1 4
1. 4 0
0 . 045
0 . 055
D
8. 2 5
9. 6 6
0 . 325
0 . 380
E
9. 6 5
10 . 2 9
0 . 380
0 . 405
L
1 4 .60
1 5.88
0 . 575
0 . 625
L1
2. 2 8
2. 8 0
0 . 090
0 . 11 0
L2
1. 4 0
0 . 055
D
A
c
A1
c1
e
e1
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com