Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5331 Datasheet(PDF) 12 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 12 Page - Anpec Electronics Coropration

Back Button APL5331 Datasheet HTML 8Page - Anpec Electronics Coropration APL5331 Datasheet HTML 9Page - Anpec Electronics Coropration APL5331 Datasheet HTML 10Page - Anpec Electronics Coropration APL5331 Datasheet HTML 11Page - Anpec Electronics Coropration APL5331 Datasheet HTML 12Page - Anpec Electronics Coropration APL5331 Datasheet HTML 13Page - Anpec Electronics Coropration APL5331 Datasheet HTML 14Page - Anpec Electronics Coropration APL5331 Datasheet HTML 15Page - Anpec Electronics Coropration APL5331 Datasheet HTML 16Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.8 - Oct., 2003
APL5331
www.anpec.com.tw
12
A capacitor of 1
µF (ceramic chip capacitor) or greater
(aluminum electrolytic capacitor) is recommended to
connect near VCNTL pin. For VIN pin, an aluminum
electrolytic capacitor (>50
µF) is recommended. It is
not necessary to use low-ESR capacitors.
Layout and Thermal Consideration
The input capacitors for VIN and VCNTL pins are
normally placed near each pin for good
performances. Ceramic decoupling capacitors at
output must be placed as close to the load to reduce
the parasitic inductors of traces. It is also recom-
mended that the APL5331 and output capacitors are
placed near the load for good load regulation and
load transient response. The negative pins of the in-
put and output capacitors and the GND pin of the
APL5331 should connect to analog ground plane of
the load.
See figure 1. The SOP-8-P utilizes a bottom thermal
pad to minimize the thermal resistance of the package,
making the package suitable for high current
applications. The thermal pad is soldered to the top
ground pad and is connected to the internal or bot-
tom ground plane by several vias. The printed circuit
board (PCB) forms a heat sink and dissipates most
of the heat into ambient air. The vias are recom-
mended to have proper size to retain solder, helping
heat conduction.
Thermal resistance consists of two main elements,
?JC (junction-to-case thermal resistance) and ?CA
(case-to-ambient thermal resistance).
?JC is speci-
fied from the IC junction to the bottom of the thermal
pad directly below the die.
?CA is the resistance from
the bottom of thermal pad to the ambient air and it
includes
?CS (case-to-sink thermal resistance) and
?SA (sink-to-ambient thermal resistance). The speci-
fied path for heat flow is the lowest resistance path
and it dissipates majority of the heat to the ambient
air. Typically,
?CA is the dominant thermal resistance.
Therefore, enlarging the internal or bottom ground
plane reduces the resistance
?CA . The relationship
between power dissipation and temperatures is the
following equation :
PD = (TJ - TA) /
?JA
where,
PD : Power dissipation
TJ : Junction Temperature
TA : Ambient Temperature
?JA : Junction-to-Ambient Thermal Resis-
tance
T herm a l
pad
Di e
To p
gr ound
pad
Prin te d
circuit
boar d
In te rnal
gr ound
plane
Via s
Ambi ent
Air
118 mi l
102 mi l
SO P-8-P
Figure 2 shows a board layout using the SOP-8-P
package. The demo board is made of FR-4 material
and is a two-layer PCB. The size and thickness are
65mm* 65mm and 1.6mm. An area of 140mil*105mil
on the top layer is use as a thermal pad for the
APL5331 and this is connected to the bottom layer
by vias. The bottom layer using 2 oz. copper acts as
the ground plane for the system. The PCB and all
components on the board form a heat sink. The
?JA
of the APL5331(SOP-8-P) mounted on this demo
board is about 37oC/W in free air. Assuming the
TA=25oC and the maximum TJ=150oC (typical thermal
limit temperature), the maximum power dissipation is
calculated as :
Figure 1 Package Top and side view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com