Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5331 Datasheet(PDF) 20 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 20 Page - Anpec Electronics Coropration

Back Button APL5331 Datasheet HTML 12Page - Anpec Electronics Coropration APL5331 Datasheet HTML 13Page - Anpec Electronics Coropration APL5331 Datasheet HTML 14Page - Anpec Electronics Coropration APL5331 Datasheet HTML 15Page - Anpec Electronics Coropration APL5331 Datasheet HTML 16Page - Anpec Electronics Coropration APL5331 Datasheet HTML 17Page - Anpec Electronics Coropration APL5331 Datasheet HTML 18Page - Anpec Electronics Coropration APL5331 Datasheet HTML 19Page - Anpec Electronics Coropration APL5331 Datasheet HTML 20Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.8 - Oct., 2003
APL5331
www.anpec.com.tw
20
Application
Carrier Width
Cover Tape Width
Devices Per Reel
SOP- 8 / SOP-8-P
12
9.3
2500
TO- 252
16
13.3
2500
TO- 263
24
21.3
1000
Application
A
B
C
J
T1
T2
W
P
E
330
± 1
62 +1.5
12.75+
0.15
2
± 0.5
12.4
± 0.2
2
± 0.2
12
± 0. 3
8
± 0.1
1.75
±0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
SOP- 8
SOP-8-P
5.5
± 1
1.55 +0.1 1.55+ 0.25
4.0
± 0.1
2.0
± 0.1
6.4
± 0.1
5.2
± 0. 1
2.1
± 0.1 0.3±0.013
Application
A
B
C
J
T1
T2
W
P
E
330
±3100 ± 213 ± 0. 5
2
± 0.5
16.4 + 0.3
-0.2
2.5
± 0.5
16+ 0.3
- 0.1
8
± 0.1
1.75
± 0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
TO-252
7.5
± 0.1
1.5 +0.1
1.5
± 0.25
4.0
± 0.1
2.0
± 0.1
6.8
± 0.1
10.4
± 0.1
2.5
± 0.1
0.3
±0.05
Application
A
B
C
J
T1
T2
W
P
E
380
±380 ± 213 ± 0. 5
2
± 0.5
24
± 42± 0.3
24 + 0.3
- 0.1
16
± 0.1
1.75
± 0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
TO-263
11.5
± 0.1
1.5 +0.1
1.5
± 0.25
4.0
± 0.1
2.0
± 0.1 10.8 ± 0.1 16.1± 0.1
5.2
± 0.1 0.35±0.013
Cover Tape Dimensions
Anpec Electronics Corp.
Head Office :
5F, No. 2 Li-Hsin Road, SBIP,
Hsin-Chu, Taiwan, R.O.C.
Tel : 886-3-5642000
Fax : 886-3-5642050
Taipei Branch :
7F, No. 137, Lane 235, Pac Chiao Rd.,
Hsin Tien City, Taipei Hsien, Taiwan, R. O. C.
Tel : 886-2-89191368
Fax : 886-2-89191369
Customer Service



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com