Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5331 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL5331 Datasheet HTML 9Page - Anpec Electronics Coropration APL5331 Datasheet HTML 10Page - Anpec Electronics Coropration APL5331 Datasheet HTML 11Page - Anpec Electronics Coropration APL5331 Datasheet HTML 12Page - Anpec Electronics Coropration APL5331 Datasheet HTML 13Page - Anpec Electronics Coropration APL5331 Datasheet HTML 14Page - Anpec Electronics Coropration APL5331 Datasheet HTML 15Page - Anpec Electronics Coropration APL5331 Datasheet HTML 16Page - Anpec Electronics Coropration APL5331 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.8 - Oct., 2003
APL5331
www.anpec.com.tw
13
PD (max) = (150 - 25) / 37
= 3.38W
If the TJ is designed to be below 125oC, the calcu-
lated power dissipation should be less than :
PD = (125 - 25) / 37
= 2.70W
Figure 2(a) TopOver layer
Figure 2(b) Top layer
Figure 2(c) Bottom layer
APL5331
APL5331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com