Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5331 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5331 Datasheet HTML 1Page - Anpec Electronics Coropration APL5331 Datasheet HTML 2Page - Anpec Electronics Coropration APL5331 Datasheet HTML 3Page - Anpec Electronics Coropration APL5331 Datasheet HTML 4Page - Anpec Electronics Coropration APL5331 Datasheet HTML 5Page - Anpec Electronics Coropration APL5331 Datasheet HTML 6Page - Anpec Electronics Coropration APL5331 Datasheet HTML 7Page - Anpec Electronics Coropration APL5331 Datasheet HTML 8Page - Anpec Electronics Coropration APL5331 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
3A Bus Termination Regulator
Copyright
 ANPEC Electronics Corp.
Rev. A.8 - Oct., 2003
APL5331
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
•••••
Provide Bi-direction Current
 - Sourcing or Sinking Current up to 3A
•••••
1.25V/0.9V Output for DDR I/II Applications
•••••
Fast Transient Response
•••••
High Output Accuracy
- ±20mV over Load, VOUT Offset and
Temperature
••••• Adjustable Output Voltage by External Resistors
•••••
Current-Limit Protection
•••••
On-Chip Thermal Shutdown
•••••
Shutdown for Standby or Suspend Mode
•••••
Simple SOP-8, SOP-8-P with thermal pad,
TO-252- 5 and TO-263-5 Packages
Features
General Description (Cont.)
On-chip thermal shutdown provides protection against
any combination of overload that would create ex-
cessive junction temperature. The output voltage of
APL5331 track the voltage at VREF pin. A resistor
divider connected to VIN, GND and VREF pins is
used to provide a half voltage of VIN to VREF pin. In
addition, an external ceramic capacitor and an open-
drain transistor connected to VREF pin provides soft-
start and shutdown control respectively. Pulling and
holding the VREF to GND shuts off the output. The
output of APL5331 will be high impedance after be-
ing shut down by VREF or thermal shutdown function.
Applications
• DDR I/II SDRAM Termination
• SSTL-2/3 Termination Voltage
•
Applications Requiring the Regulator with




Bi-direction 3A Current Capability
Pin Configuration
TO-252-5 (Top View)
VOUT
VREF
VCNTL
GND
VIN
TAB is VCNTL
TO-263-5 (Top View)
VIN
GND
VCNTL
VREF
VOUT
1
2
3
4
5
TAB is VCNTL
SOP-8 (Top View)
1
2
3
45
6
7
8
VIN
GN D
VR EF
VO U T
VC N TL
VC N TL
VC N TL
VCNTL
General Description
The APL5331 linear regulator is designed to provide
a regulated voltage with bi-directional output current
for DDR-SDRAM termination. The APL5331 integrates
two power transistors to source or sink current up to
3A. It also incorporate current-limit, thermal shut-
down and shutdown control functions into a single
chip. Current-limit circuit limits the short-circuit
current.
1
2
3
45
6
7
8
VIN
GND
VREF
VOUT
NC
VCNTL
NC
NC
SOP-8-P (Top View)
= Thermal Pad
NC = No internal connection
(connected to GND plane for better heat
dissipation)


Similar Part No. - APL5331

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5331 ANPEC-APL5331 Datasheet
714Kb / 23P
3A Bus Termination Regulator
APL5331G5C-TRG ANPEC-APL5331G5C-TRG Datasheet
714Kb / 23P
3A Bus Termination Regulator
APL5331G5C-TRL ANPEC-APL5331G5C-TRL Datasheet
714Kb / 23P
3A Bus Termination Regulator
APL5331KAC-TRG ANPEC-APL5331KAC-TRG Datasheet
714Kb / 23P
3A Bus Termination Regulator
APL5331KAC-TRL ANPEC-APL5331KAC-TRL Datasheet
714Kb / 23P
3A Bus Termination Regulator
More results

Similar Description - APL5331

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
3A Bus Termination Regulator
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516 Datasheet
139Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
3A BUS TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5331 ANPEC-APL5331_08 Datasheet
714Kb / 23P
3A Bus Termination Regulator
APL5333 ANPEC-APL5333 Datasheet
443Kb / 16P
3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C_15 Datasheet
236Kb / 8P
3A BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com