Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5331 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5331 Datasheet HTML 1Page - Anpec Electronics Coropration APL5331 Datasheet HTML 2Page - Anpec Electronics Coropration APL5331 Datasheet HTML 3Page - Anpec Electronics Coropration APL5331 Datasheet HTML 4Page - Anpec Electronics Coropration APL5331 Datasheet HTML 5Page - Anpec Electronics Coropration APL5331 Datasheet HTML 6Page - Anpec Electronics Coropration APL5331 Datasheet HTML 7Page - Anpec Electronics Coropration APL5331 Datasheet HTML 8Page - Anpec Electronics Coropration APL5331 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.8 - Oct., 2003
APL5331
www.anpec.com.tw
4
Electrical Characteristics
Refer to the typical application circuit. These specifications apply over, VCNTL=3.3V, VIN=2.5V/1.8V,
VREF=0.5VIN and TJ= 0 to 125°C, unless otherwise specified. Typical values refer to TJ =25°C.
APL5331
Sym bol
Param eter
Test Conditions
M in
Typ
M ax
Unit
Output Voltage
VOUT
VOUT Output Voltage
IOUT=0A
VREF
V
System Accuracy
Over tem perature, VOUT offset, and
load regulation
-20
20
m V
IOUT=+10m A
-14
-9
VOS
VOUT Offset Voltage
(VOUT–VREF)
IOUT=-10m A
2
8
mV
IOUT=+10m A to +3A
-6
-3
Load Regulation
IOUT = -10m A to -3A
7
12
mV
Protection
Sourcing Current
TJ=25°C
(VIN=2.5V)
TJ=125°C
+3.3
+3.6
+3.1

Sinking Current
TJ=25°C
(VIN=2.5V)
TJ=125°C

-3.3
-3.6
-3.1

Sourcing Current
TJ=25°C
(VIN=1.8V)
TJ=125°C
+2.9
+3.2
+2.6

ILIM

Current Lim it
Sinking Current
TJ=25°C
(VIN=1.8V)
TJ=125°C

-2.9
-3.2
-2.6

A
TSD

Therm al Shutdown
Tem perature
Rising T J


150

oC

Therm al Shutdown Hysteresis 

40

oC
Input Current
IOUT=0A
2
4.5
6
IOUT=
±3A (Normal Operation),
VCNTL=5V

50
110
ICNTL
 VCNTL Supply Current
VREF=GND (Shutdown)

2.6

mA
VREF=1.25V/0.9V (Norm al O peration)


150
500
nA
IVREF

VREF Bias Current
(The current flows out of VREF) VREF=GND (Shutdown)

20
40
µA
Shutdow n Control

Shutdown Threshold Voltage


0.2
0.35
0.65
V




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com