Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5331 Datasheet(PDF) 15 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 15 Page - Anpec Electronics Coropration

Back Button APL5331 Datasheet HTML 11Page - Anpec Electronics Coropration APL5331 Datasheet HTML 12Page - Anpec Electronics Coropration APL5331 Datasheet HTML 13Page - Anpec Electronics Coropration APL5331 Datasheet HTML 14Page - Anpec Electronics Coropration APL5331 Datasheet HTML 15Page - Anpec Electronics Coropration APL5331 Datasheet HTML 16Page - Anpec Electronics Coropration APL5331 Datasheet HTML 17Page - Anpec Electronics Coropration APL5331 Datasheet HTML 18Page - Anpec Electronics Coropration APL5331 Datasheet HTML 19Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.8 - Oct., 2003
APL5331
www.anpec.com.tw
15
Packaging Information
M illimeter s
I nc hes
Dim
Mi n .
Ma x .
Mi n .
Ma x .
A
1 .3 5
1 .7 5
0 .0 53
0.0 6 9
A 1
0.1 0
0.2 5
0.0 0 4
0 .0 10
D
4 .8 0
5 .0 0
0 .1 89
0.1 9 7
D1
3.0 0R EF
0.11 8REF
E
3 .8 0
4 .0 0
0 .1 50
0.1 5 7
E 1
2 . 60REF
0 . 1 0 2 REF
H
5 .8 0
6 .2 0
0 .2 28
0.2 4 4
L
0 .4 0
1 .2 7
0 .0 16
0.0 5 0
e1
0.3 3
0.5 1
0.0 1 3
0 .0 20
e2
1.2 7 BS C
0 .5 0BS C
φ 18°
8
°
SOP-8-P pin ( Reference JEDEC Registration MS-012)
H
E
e1
e2
D
A
A1
0.004m ax.
1
L
E1
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com