Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5331 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5331 Datasheet HTML 1Page - Anpec Electronics Coropration APL5331 Datasheet HTML 2Page - Anpec Electronics Coropration APL5331 Datasheet HTML 3Page - Anpec Electronics Coropration APL5331 Datasheet HTML 4Page - Anpec Electronics Coropration APL5331 Datasheet HTML 5Page - Anpec Electronics Coropration APL5331 Datasheet HTML 6Page - Anpec Electronics Coropration APL5331 Datasheet HTML 7Page - Anpec Electronics Coropration APL5331 Datasheet HTML 8Page - Anpec Electronics Coropration APL5331 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.8 - Oct., 2003
APL5331
www.anpec.com.tw
2
P a ckage C o d e
K : SO P-8
KA : SO P-8 -P
U 5 : T O -252-5
G 5 : T O -263-5
T e m p . R ang e
C : 0 to 7 0 oC
H andling C o d e
T R : T ape & R e el
Lead F ree C ode
L : Lead F ree D e v ice
B lank : O rginal D e v ice
A P L5 33 1
H andling C o d e
T e m p . R ang e
P a ckage C o d e
A P L5331
XX XXX
A P L 5331K C -T R :
A P L5331 K A C -T R :
XX XXX - D a te C o d e
A P L5331
XX XXX
A P L5331 U 5 C -T R :
A P L5331 G 5 C -T R :
XX XXX - D a te C o d e
Lead F ree C ode
Ordering and Marking Information
Pin Description
PIN NAME
I/O
DESCRIPTION
VIN
I
Main power input pin. Connect this pin to a voltage source and an input
capacitor. The APL5331 sources current to VOUT pin by controlling the upper
NPN pass transistor, providing a current path from VIN pin.
GND
O
Power and signal ground. Connect this pin to system ground plane with shortest
traces. The APL5331 sinks current from VOUT pin by controlling the lower NPN
pass transistor, providing a current path to GND pin. This pin is also the ground
path for internal control circuitry.
VCNTL
I
Power input pin for internal control circuitry. Connect this pin to a voltage source,
providing a bias for the internal control circuitry. A bypass capacitor is usually
connected near this pin.
VREF
I
Reference voltage input and active-low shutdown control pin. Apply a voltage to
this pin as a reference voltage for the APL5331. Connect this pin to a resistor
divider, between VIN and GND, and a capacitor for soft-start and filtering noise
purposes. Applying and holding this pin low by an open-drain transistor to shut
down the output.
VOUT
O
Output pin of the regulator. Connect this pin to load. Output capacitors
connected this pin improves stability and transient response. The output voltage
tracks the reference voltage and is capable of sourcing or sinking current up to
3A.

Block Diagram
GN D
VO U T
VI N
VC N TL
VR EF
Cu rre n t
Lim it
Th e rm a l
Lim it
V o lt age
Re g u la t io n
Sh u t d o w n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com