Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5466 Datasheet (PDF) - Cirrus Logic

CS5466 Datasheet PDF - Cirrus Logic
Part # CS5466
Download  CS5466 Download
File Size   188.8 Kbytes
Page   16 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low-cost Power/Energy IC with Pulse Output

CS5466 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5466 Datasheet PDF - Cirrus Logic

Part # CS5466
Download  CS5466 Click to download

File Size   188.8 Kbytes
Page   16 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low-cost Power/Energy IC with Pulse Output

CS5466 Datasheet (HTML) - Cirrus Logic


CS5466 Product details

Description
The CS5466 is a low-cost power meter solution incorporating dual delta-sigma (∆Σ) analog-to-digital converters (ADCs), an energy-to-frequency converter, and energy pulse outputs on a single chip. The CS5466 is designed to accurately measure and calculate energy for single phase, 2- or 3-wire power metering applications with minimal external components.

Features
● Single-chip Power Measurement Solution
● Energy Data Linearity: ±0.1% of Reading, over 1000:1 Dynamic Range
● On-chip functions: Measures Power and Performs Energy-to-pulse Conversions
● Meets Accuracy Spec for IEC, ANSI, & JIS.
● High-pass Filter Option
● Four Input Ranges for Current Channel
● On-chip, 2.5 V Reference
● Pulse Outputs for Stepper Motor or Mechanical Counter
● On-chip Energy Direction Indicator
● Ground-referenced Input Signals with Single Supply
● High-frequency Output for Calibration
● On-chip, Power-on Reset (POR)
● Power Supply Configurations: VA+ = +5 V; AGND = 0 V; VD+ = +3.3 V to 5 V




Similar Part No. - CS5466

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5466 CIRRUS-CS5466 Datasheet
296Kb / 16P
Low-cost Power/Energy IC with Pulse Output
CS5466-IS CIRRUS-CS5466-IS Datasheet
296Kb / 16P
Low-cost Power/Energy IC with Pulse Output
CS5466-ISZ CIRRUS-CS5466-ISZ Datasheet
296Kb / 16P
Low-cost Power/Energy IC with Pulse Output
CS5466 CIRRUS-CS5466_05 Datasheet
296Kb / 16P
Low-cost Power/Energy IC with Pulse Output
More results


Similar Description - CS5466

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
Energy Metering IC with Pulse Output
REV.B
logo
Cirrus Logic
CS5462 CIRRUS-CS5462 Datasheet
198Kb / 18P
LOW COST POWER ENERGY IC WITH PULSE OUTPUT
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
ENERGY METERING IC WITH PULSE OUTPUT
logo
Cirrus Logic
CS5466 CIRRUS-CS5466_05 Datasheet
296Kb / 16P
Low-cost Power/Energy IC with Pulse Output
logo
Analog Devices
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
ADE7755ARSRL AD-ADE7755ARSRL Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZRL AD-ADE7755ARSZRL Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
ADE7755 AD-ADE7755_15 Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
logo
Silvan Chip Electronics...
SCE7755 SILVAN-SCE7755 Datasheet
680Kb / 14P
Energy Metering IC with Pulse Output
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com