Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5466 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5466
Description  Low-cost Power/Energy IC with Pulse Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5466 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5466 Datasheet HTML 1Page - Cirrus Logic CS5466 Datasheet HTML 2Page - Cirrus Logic CS5466 Datasheet HTML 3Page - Cirrus Logic CS5466 Datasheet HTML 4Page - Cirrus Logic CS5466 Datasheet HTML 5Page - Cirrus Logic CS5466 Datasheet HTML 6Page - Cirrus Logic CS5466 Datasheet HTML 7Page - Cirrus Logic CS5466 Datasheet HTML 8Page - Cirrus Logic CS5466 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CS5466
5
3. CHARACTERISTICS/SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
ANALOG CHARACTERISTICS
•
Min / Max characteristics and specifications are guaranteed over all Operating Conditions.
•
Typical characteristics and specifications are measured at nominal supply voltages and TA = 25 °C.
•
VA+ = VD+ = 5 V ±5%; AGND = DGND = 0 V; VREFIN = +2.5 V. All voltages with respect to 0 V.
•
MCLK = 4.096 MHz
Notes:
1.
Applies after system calibration.
Parameter
Symbol
Min
Typ
Max
Unit
Positive Digital Power Supply
VD+
3.135
5.0
5.25
V
Positive Analog Power Supply
VA+
4.75
5.0
5.25
V
Voltage Reference
VREFIN
-
2.5
-
V
Specified Temperature Range
TA
-40
-
+85
°C
Parameter
Symbol
Min
Typ
Max
Unit
Analog Inputs (Current Channel)
Differential Input Range
(Gain = 10)
{(IIN+)-(IIN-)}
(Gain = 50)
(Gain = 100)
(Gain = 150)
IIN
-
-
-
-
±250
±50
±25
±16.7
-
-
-
-
mV
mV
mV
mV
Input Capacitance
(All Gain Ranges)
CinI
-25
-
pF
Effective Input Impedance
(All Gain Ranges)
ZinI
30
-
-
k
Ω
Analog Inputs (Voltage Channel)
Differential Input Range
{(VIN+)-(VIN-)}
VIN
-
-
±250
mV
Input Capacitance
CinV
-0.2
-
pF
Effective Input Impedance
ZinV
2-
-
M
Ω
Accuracy (Energy Outputs)
Full-Scale Error
(Note 1)
FSE
-
0.1
-
%F.S.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com