Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5466 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5466
Description  Low-cost Power/Energy IC with Pulse Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5466 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5466 Datasheet HTML 3Page - Cirrus Logic CS5466 Datasheet HTML 4Page - Cirrus Logic CS5466 Datasheet HTML 5Page - Cirrus Logic CS5466 Datasheet HTML 6Page - Cirrus Logic CS5466 Datasheet HTML 7Page - Cirrus Logic CS5466 Datasheet HTML 8Page - Cirrus Logic CS5466 Datasheet HTML 9Page - Cirrus Logic CS5466 Datasheet HTML 10Page - Cirrus Logic CS5466 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CS5466
7
DIGITAL CHARACTERISTICS (Note 6)
•
Min / Max characteristics and specifications are guaranteed over all Operating Conditions.
•
Typical characteristics and specifications are measured at nominal supply voltages and TA = 25 °C.
•
VA+ = VD+ = 5V ±5%; AGND = DGND = 0 V. All voltages with respect to 0 V.
•
MCLK = 4.096 MHz
Notes:
6.
All measurements performed under static conditions.
7.
If external MCLK is used, then the duty cycle must be between 45% and 55% to maintain this specification.
8.
The frequency of CPUCLK is equal to MCLK.
9.
VOL and VOH are not specified under this condition.
Parameter
Symbol
Min
Typ
Max
Unit
Master Clock Characteristics
Master Clock Frequency
Internal Gate Oscillator
MCLK
3
4.096
5
MHz
Master Clock Duty Cycle
40
-
60
%
CPUCLK Duty Cycle
(Note 7 and 8)
40
60
%
Filter Characteristics
High Pass Filter Corner Frequency
-3 dB
-
0.125
-
Hz
Input/Output Characteristics
High-Level Input Voltage
XIN
RESET
VIH
(VD+) - 0.5
0.8 VD+
-
-
-
-
V
V
Low-Level Input Voltage (VD = 5 V)
XIN
RESET
VIL
-
-
-
-
1.5
0.2 VD+
V
V
Low-Level Input Voltage (VD = 3.3 V)
XIN
RESET
VIL
-
-
-
-
0.3
0.2 VD+
V
V
High-Level Output Voltage (except XOUT)
Iout = +5 mA
VOH
(VD+) - 1.0
-
-
V
Low-Level Output Voltage (except XOUT)
Iout = -5 mA
VOL
--
0.4
V
Input Leakage Current
Iin
-±1
±10
µA
Digital Output Pin Capacitance
Cout
-5
-
pF
Drive Current FOUT, E1, E2, NEG
(Note 9)
IDR
90
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com