Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5466 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5466
Description  Low-cost Power/Energy IC with Pulse Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5466 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5466 Datasheet HTML 1Page - Cirrus Logic CS5466 Datasheet HTML 2Page - Cirrus Logic CS5466 Datasheet HTML 3Page - Cirrus Logic CS5466 Datasheet HTML 4Page - Cirrus Logic CS5466 Datasheet HTML 5Page - Cirrus Logic CS5466 Datasheet HTML 6Page - Cirrus Logic CS5466 Datasheet HTML 7Page - Cirrus Logic CS5466 Datasheet HTML 8Page - Cirrus Logic CS5466 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CS5466
3
1. GENERAL DESCRIPTION
The CS5466 is a CMOS monolithic power measurement device with an energy computation engine. The CS5466
combines a programmable gain amplifier, two
∆Σ ADC’s and energy-to-frequency conversion circuitry on a single
chip.
The CS5466 is designed for energy measurement applications and is optimized to interface to a shunt or current
transformer for current measurement, and to a resistive divider or transformer for voltage measurement. The current
channel has a programmable gain amplifier (PGA) which provides four full-scale input options. With a single +5 V
supply on VA+/AGND, both of the CS5466’s input channels accommodate common mode + signal levels between
(AGND - 0.25 V) and VA+.
The CS5466 has three pulse output pins: E1, E2 and FOUT. E1 and E2 can be used to directly drive a mechanical
counter or stepper motor, or interface to a micro controller. The FOUT pin conveys average real power at a pulse
frequency many times higher than that of the E1 or E2 pulse frequency, allowing for high speed calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com