Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5466 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5466
Description  Low-cost Power/Energy IC with Pulse Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5466 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5466 Datasheet HTML 1Page - Cirrus Logic CS5466 Datasheet HTML 2Page - Cirrus Logic CS5466 Datasheet HTML 3Page - Cirrus Logic CS5466 Datasheet HTML 4Page - Cirrus Logic CS5466 Datasheet HTML 5Page - Cirrus Logic CS5466 Datasheet HTML 6Page - Cirrus Logic CS5466 Datasheet HTML 7Page - Cirrus Logic CS5466 Datasheet HTML 8Page - Cirrus Logic CS5466 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2004
(All Rights Reserved)
http://www.cirrus.com
CS5466
Low Cost Power/Energy IC with Pulse Output
Features
Single Chip; Power Measurement Solution
Energy Data Linearity: ±0.1% of Reading
over 1000:1 Dynamic Range
On-Chip functions: Measures Energy and
Performs Energy-to-Pulse Conversions
Meets Accuracy Spec for IEC 687/1036
High Pass Filter Option
Four Input Ranges for Current Channel
On-Chip 2.5 V Reference (25 ppm/°C typ)
Pulse Outputs for Stepper Motor or
Mechanical Counter
On-Chip Energy Direction Indicator
Ground Referenced Input Signals with Single
Supply
High Frequency Output for Calibration
On-Chip Power-on Reset
Power Supply Configurations:
VA+ = +5 V; AGND = 0 V; VD+ = +3.3 V to 5 V
Description
The CS5466 is a low cost power meter solution combin-
ing two
∆Σ Analog-to-Digital Converters (ADC)’s, an
energy-to-frequency converter, and energy pulse out-
puts on a single chip. It is designed to accurately
measure and calculate energy for single phase 2- or 3-
wire power metering applications with minimal external
components.
Low frequency energy outputs, E1 and E2, supply aver-
age real power and can be used to drive a stepper motor
or a mechanical counter; the high frequency energy out-
put FOUT can be used for calibration; and NEG indicates
negative power.
The CS5466 has configuration pins which allow for direct
configuration of pulse output frequency, current channel
input range, and high pass filter enable option.
The CS5466 also has a power-on reset function which
holds the part in reset until the supply reaches an oper-
able level.
ORDERING INFORMATION
CS5466-ISZ
-40° to 85° C
24-pin SSOP
Lead Free
I
IIN+
IIN-
IGAIN0
IGAIN1
VIN+
VIN-
VREFOUT
VA+
RESET
HPF
VD+
DGND
AGND
FOUT
E1
E2
CPUCLK
XOUT
XIN
FREQ0
FREQ1
FREQ2
PGA:
x10, x50, x100, x150
x10
NEG
+
-
+
-
4th Order
∆Σ
Modulator
2nd Order
∆Σ
Modulator
HPF
Option
Energy-to-
Frequency
Conversion
Negative
Power
Indication
Clock
Generator
Digital
Filter
Digital
Filter
2.5V On-Chip
Reference
VREFIN
x1
HPF
Option
OCT ‘04
DS659PP2


Similar Part No. - CS5466

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5466 CIRRUS-CS5466 Datasheet
296Kb / 16P
Low-cost Power/Energy IC with Pulse Output
CS5466-IS CIRRUS-CS5466-IS Datasheet
296Kb / 16P
Low-cost Power/Energy IC with Pulse Output
CS5466-ISZ CIRRUS-CS5466-ISZ Datasheet
296Kb / 16P
Low-cost Power/Energy IC with Pulse Output
CS5466 CIRRUS-CS5466_05 Datasheet
296Kb / 16P
Low-cost Power/Energy IC with Pulse Output
More results

Similar Description - CS5466

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
Energy Metering IC with Pulse Output
REV.B
logo
Cirrus Logic
CS5462 CIRRUS-CS5462 Datasheet
198Kb / 18P
LOW COST POWER ENERGY IC WITH PULSE OUTPUT
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
ENERGY METERING IC WITH PULSE OUTPUT
logo
Cirrus Logic
CS5466 CIRRUS-CS5466_05 Datasheet
296Kb / 16P
Low-cost Power/Energy IC with Pulse Output
logo
Analog Devices
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
ADE7755ARSRL AD-ADE7755ARSRL Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZRL AD-ADE7755ARSZRL Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
ADE7755 AD-ADE7755_15 Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
logo
Silvan Chip Electronics...
SCE7755 SILVAN-SCE7755 Datasheet
680Kb / 14P
Energy Metering IC with Pulse Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com