Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5466 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5466
Description  Low-cost Power/Energy IC with Pulse Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5466 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5466 Datasheet HTML 6Page - Cirrus Logic CS5466 Datasheet HTML 7Page - Cirrus Logic CS5466 Datasheet HTML 8Page - Cirrus Logic CS5466 Datasheet HTML 9Page - Cirrus Logic CS5466 Datasheet HTML 10Page - Cirrus Logic CS5466 Datasheet HTML 11Page - Cirrus Logic CS5466 Datasheet HTML 12Page - Cirrus Logic CS5466 Datasheet HTML 13Page - Cirrus Logic CS5466 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CS5466
10
4.
THEORY OF OPERATION
The CS5466 is a dual channel Analog-to-Digital Con-
verter (ADC) followed by a computation engine that per-
forms an energy-to-pulse conversion. The flow diagram
for the two data paths is depicted in Figure 2. The ana-
log inputs are structured with two dedicated channels,
voltage and current, then optimized to simplify interfac-
ing to sensing elements.
The voltage sensing element introduces a voltage
waveform on the voltage channel input VIN
± and is sub-
ject to a fixed 10x gain amplifier. A second order delta-
sigma modulator samples the amplified signal for digiti-
zation.
Simultaneously, the current sensing element introduces
a voltage waveform on the current channel input IIN
±
and is subject to the four selectable gains of the Pro-
grammable Gain Amplifier (PGA). The amplified signal
is sampled by a fourth order delta-sigma modulator for
digitization. Both converters sample at a rate of
(MCLK)/8, the over-sampling provides a wide dynamic
range and simplified anti-alias filter design.
4.1
Digital Filters
The decimating digital filters on both channels are Sinc3
filters followed by 4th-order IIR filters. The single bit data
is passed to the low pass decimation filter and output at
a fixed word rate. The output word is passed to the IIR
filter to compensate for the magnitude roll-off of the low-
pass filtering operation.
An optional digital High-Pass Filter (HPF in Figure 2) re-
moves any dc component from the selected signal path.
By removing the dc component from the voltage or cur-
rent channel, any dc content will also be removed from
the calculated average real power as well.
4.2
Average Real Power Computation
The instantaneous voltage and current data samples
are multiplied together to obtain the instantaneous pow-
er. The product is then averaged over 400 conversions
to compute the average real power value used to drive
pulse outputs E1, E2 and FOUT. Output pulse rate of E1
and E2 can be set to one of four frequencies to directly
drive a stepper motor or a electromechanical counter or
interface to a microcontroller or infrared LED. The alter-
nating output pulses of E1 and E2 allows for use with
low cost electromechanical counters.
Output FOUT provides a uniform pulse stream that is
proportional to the average real power and is designed
for system calibration. The FREQ2:0 inputs set the out-
put pulse rate of E1, E2 and FOUT. See Section 5.3 for
more details.
2nd Order
∆Σ
Modulator
4th Order
∆Σ
Modulator
x
VIN±
IIN±
Energy-to-
Pulse Rate
Converter
E1
E2
FOUT
Sinc3
PGA
10x
HPF
NEG
IGAIN[1:0]
HPF
FREQ[2:0]
IIR
IIR
Sinc3
N = 400
Σ
Ν
Current Channel
Voltage Channel
Digital Filter
Digital Filter
HPF
Figure 2. Data Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com