Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74AVC Datasheet (PDF) - Pericom Semiconductor Corporation

PI74AVC Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74AVC
Download  PI74AVC Download
File Size   102.95 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 2.5V 20-Bit Universal Bus Driver with 3-State Outputs

PI74AVC Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74AVC Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74AVC
Download  PI74AVC Click to download

File Size   102.95 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 2.5V 20-Bit Universal Bus Driver with 3-State Outputs

PI74AVC Datasheet (HTML) - Pericom Semiconductor Corporation


PI74AVC Product details

Product Description
PI74AVC+16244 is a non-inverting 16-bit buffer/driver designed for low-voltage 1.65V to 3.6V VCC operation.
The buffer/driver is designed specifically to improve both the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters.

Product Features
• PI74AVC+16244 is designed for low-voltage operation, VCC = 1.65V to 3.6V
• True ±24mA Balanced Drive @ 3.3V
• Compatible with Philips and T.I. AVC Logic family
• IOFF supports partial power-down operation
• 3.6V I/O Tolerant inputs and outputs
• All outputs contain a patented DDC (Dynamic Drive Control) circuit that reduces noise without degrading propagation delay
• Industrial operation: –40°C to +85°C
• Packaging (Pb-free & Green available):
    – 48-pin 240-mil wide plastic TSSOP
    – 48-pin 173-mil wide plastic TVSOP




Similar Part No. - PI74AVC

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74AVC PERICOM-PI74AVC Datasheet
526Kb / 10P
2.5V 16-Bit Buffer Driver with 3-State Outputs
PI74AVC+16345 PERICOM-PI74AVC+16345 Datasheet
474Kb / 10P
2.5V, Registered 1-Bit to 4-Bit Address Driver w/3-State Outputs
PI74AVC+16345A PERICOM-PI74AVC+16345A Datasheet
474Kb / 10P
2.5V, Registered 1-Bit to 4-Bit Address Driver w/3-State Outputs
PI74AVC+16345K PERICOM-PI74AVC+16345K Datasheet
474Kb / 10P
2.5V, Registered 1-Bit to 4-Bit Address Driver w/3-State Outputs
PI74AVC+16821A PERICOM-PI74AVC+16821A Datasheet
519Kb / 10P
2.5V 20-Bit Bus Interface Flip-Flop with 3-State Outputs
More results


Similar Description - PI74AVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC162836 TI-SN74ALVC162836 Datasheet
134Kb / 10P
20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162836 TI-SN74ALVCH162836 Datasheet
137Kb / 10P
20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16836 TI-SN74ALVCH16836 Datasheet
133Kb / 10P
20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC162836 HITACHI-HD74ALVC162836 Datasheet
57Kb / 13P
20-bit Universal Bus Driver with 3-state Outputs
HD74ALVC16836 HITACHI-HD74ALVC16836 Datasheet
57Kb / 13P
20-bit Universal Bus Driver with 3-state Outputs
HD74ALVCH162836 HITACHI-HD74ALVCH162836 Datasheet
57Kb / 13P
20-bit Universal Bus Driver with 3-state Outputs
HD74ALVCH16836 HITACHI-HD74ALVCH16836 Datasheet
57Kb / 13P
20-bit Universal Bus Driver with 3-state Outputs
logo
Integrated Device Techn...
IDT74ALVC162836 IDT-IDT74ALVC162836 Datasheet
65Kb / 6P
3.3V CMOS 20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ALVC162836 TI-SN74ALVC162836_06 Datasheet
157Kb / 10P
20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162836 TI1-SN74ALVCH162836_09 Datasheet
372Kb / 16P
20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com