Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74AVC Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74AVC
Description  2.5V 20-Bit Universal Bus Driver with 3-State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74AVC Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PI74AVC+16836
2.5V 20-Bit Universal Bus
Driver with 3-State Outputs
5
PS8511A
02/06/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
s
r
e
t
e
m
a
r
a
P
m
o
r
F
)
t
u
p
n
I
(
o
T
)
t
u
p
t
u
O
(
V C
C
V
2
.
1
=
V C
C
V
5
.
1
=
V
1
.
0
±
V C
C
V
8
.
1
=
V
5
1
.
0
±
V C
C
V
5
.
2
=
V
2
.
0
±
V C
C
V
3
.
3
=
V
3
.
0
±
s
t
i
n
U
.
n
i
M
.
x
a
M
.
n
i
M
.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M
f x
a
m
0
8
10
8
10
8
1z
H
M
t d
p
A
Y
0
.
15
.
48
.
00
.
37
.
04
.
2
s
n
E
L0
.
10
.
58
.
03
.
37
.
05
.
2
K
L
C0
.
15
.
48
.
00
.
37
.
05
.
2
t n
e
E
O5
.
15
.
50
.
15
.
40
.
10
.
4
t si
d
E
O5
.
10
.
50
.
15
.
40
.
10
.
4
Timing Requirements (Over recommended operating free-air temperature range, unless otherwise noted, see Figures 1 thru 4)
Switching Characteristics over recommended operating free-air temperature range
(unless otherwise noted, see Figures 1 thru 4)
Operating Characteristics, TA= 25°C
s
r
e
t
e
m
a
r
a
P
t
s
e
T
s
n
o
i
t
i
d
n
o
C
V C
C
V
8
.
1
=
V
1
.
0
±
V C
C
V
5
.
2
=
V
2
.
0
±
V C
C
V
3
.
3
=
V
3
.
0
±
s
t
i
n
U
l
a
c
i
p
y
Tl
a
c
i
p
y
Tl
a
c
i
p
y
T
C d
p
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
d
e
l
b
a
n
E
s
t
u
p
t
u
O
CL
,
F
p
0
=
z
H
M
0
1
=
f
8
40
55
5
F
p
d
e
l
b
a
s
i
D
s
t
u
p
t
u
O5
28
22
3
V
2
.
1
=
c
c
V
V
5
.
1
=
c
c
V
V
1
.
0
±
V
8
.
1
=
c
c
V
V
5
1
.
0
±
V
5
.
2
=
c
c
V
V
2
.
0
±
V
3
.
3
=
c
c
V
V
3
.
0
±
s
t
i
n
U
.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M
k
c
o
l
c
fy
c
n
e
u
q
e
r
F
k
c
o
l
C0
8
10
8
10
8
1z
H
M
tw
n
o
i
t
a
r
u
D
e
s
l
u
P
w
o
L
E
L0
.
22
.
10
.
1
s
n
w
o
L
r
o
h
g
i
H
K
L
C0
.
22
.
10
.
1
t u
s
e
m
i
T
p
u
t
e
S
K
L
C
e
r
o
f
e
b
a
t
a
D
↑
4
.
12
.
10
.
1
e
r
o
f
e
b
a
t
a
D
E
L
↑
h
g
i
H
K
L
C4
.
12
.
10
.
1
w
o
L
K
L
C4
.
12
.
10
.
1
th
e
m
i
T
d
l
o
H
K
L
C
r
e
t
f
a
a
t
a
D
↑
0
.
18
.
06
.
0
a
t
a
D
E
L
r
e
t
f
a
↑
h
g
i
H
K
L
C
w
o
L
r
o
0
.
18
.
06
.
0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com