Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74AVC Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74AVC
Description  2.5V 20-Bit Universal Bus Driver with 3-State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74AVC Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PS8511A
02/06/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74AVC+16836
2.5V 20-Bit Universal Bus
Driver with 3-State Outputs
Logic Block Diagram
Product Features
• PI74AVC
+16836 is designed for low voltage operation,
VCC = 1.65V to 3.6V
• True ±24mA Balanced Drive @ 3.3V
• IOFF supports partial power-down operation
• 3.6V I/O Tolerant inputs and outputs
• Meets PC133 SDRAM Registered DIMM Specifications
• All outputs contain a patented DDC
(Dynamic Drive Control) circuit that reduces noise without
degrading propagation delay
• Industrial operation at –40°C to +85°C
• Available Packages:
– 56-pin 240 mil wide plastic TSSOP (A)
– 56-pin 173 mil wide plastic TVSOP (K)
Product Description
Pericom Semiconductor’s PI74AVC+ series of logic circuits are
produced using the Company’s advanced 0.35 micron CMOS
technology, achieving industry leading speed.
The 20-bit PI74AVC+16836 universal bus driver is designed
for 1.65V to 3.6V Vcc operation.
Data flow from A to Y is controlled by the Output Enable (OE) input.
The device operates in the transparent mode when the latch-enable
(LE) input is LOW. When LE is HIGH, the A data is latched if the
clock (CLK) input is held at a high or low logic level. If LE is HIGH,
the A data is stored in the latch/flip-flop on the low-to-high
transition of CLK. When OE is HIGH, the outputs are in the high-
impedance state, but all the inputs are enabled and data is capable
of being stored in the register.
To ensure the high-impedance state during power up or power
down, OE should be tied to Vcc through a pullup resistor; the
minimum value of the resistor is determined by the current-sinking
capability of the driver.
OE
CLK
LE
A1
1
56
29
55
1D
CLK
C1
Y1
2
TO 19 OTHER CHANNELS


Similar Part No. - PI74AVC

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74AVC PERICOM-PI74AVC Datasheet
526Kb / 10P
2.5V 16-Bit Buffer Driver with 3-State Outputs
PI74AVC+16345 PERICOM-PI74AVC+16345 Datasheet
474Kb / 10P
2.5V, Registered 1-Bit to 4-Bit Address Driver w/3-State Outputs
PI74AVC+16345A PERICOM-PI74AVC+16345A Datasheet
474Kb / 10P
2.5V, Registered 1-Bit to 4-Bit Address Driver w/3-State Outputs
PI74AVC+16345K PERICOM-PI74AVC+16345K Datasheet
474Kb / 10P
2.5V, Registered 1-Bit to 4-Bit Address Driver w/3-State Outputs
PI74AVC+16821A PERICOM-PI74AVC+16821A Datasheet
519Kb / 10P
2.5V 20-Bit Bus Interface Flip-Flop with 3-State Outputs
More results

Similar Description - PI74AVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC162836 TI-SN74ALVC162836 Datasheet
134Kb / 10P
20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162836 TI-SN74ALVCH162836 Datasheet
137Kb / 10P
20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16836 TI-SN74ALVCH16836 Datasheet
133Kb / 10P
20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC162836 HITACHI-HD74ALVC162836 Datasheet
57Kb / 13P
20-bit Universal Bus Driver with 3-state Outputs
HD74ALVC16836 HITACHI-HD74ALVC16836 Datasheet
57Kb / 13P
20-bit Universal Bus Driver with 3-state Outputs
HD74ALVCH162836 HITACHI-HD74ALVCH162836 Datasheet
57Kb / 13P
20-bit Universal Bus Driver with 3-state Outputs
HD74ALVCH16836 HITACHI-HD74ALVCH16836 Datasheet
57Kb / 13P
20-bit Universal Bus Driver with 3-state Outputs
logo
Integrated Device Techn...
IDT74ALVC162836 IDT-IDT74ALVC162836 Datasheet
65Kb / 6P
3.3V CMOS 20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ALVC162836 TI-SN74ALVC162836_06 Datasheet
157Kb / 10P
20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162836 TI1-SN74ALVCH162836_09 Datasheet
372Kb / 16P
20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com