Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74AVC Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74AVC
Description  2.5V 20-Bit Universal Bus Driver with 3-State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74AVC Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PI74AVC+16836
2.5V 20-Bit Universal Bus
Driver with 3-State Outputs
2
PS8511A
02/06/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Truth Table(1)
PinConfiguration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
25
26
27
28
32
31
30
29
CLK
A1
A2
GND
A3
A4
VCC
A5
A6
A7
GND
A8
A9
A10
A11
A12
A13
GND
A14
A15
A16
VCC
A17
A18
GND
A19
A20
LE
OE
Y1
Y2
GND
Y3
Y4
VCC
Y5
Y6
Y7
GND
Y8
Y9
Y10
Y11
Y12
Y13
GND
Y14
Y15
Y16
VCC
Y17
Y18
GND
Y19
Y20
NC
56-Pin
A,K
Product Pin Description
Note:
1
H = High Signal Level
L = Low Signal Level
Z = High Impedance
↑ = TransitionLOW-to-HIGH
X = Irrelevant
2. Output level before the indicated steady-state input
conditions were established.
s
t
u
p
n
I
s
t
u
p
t
u
O
Y
E
OE
LK
L
CA
HXXX
Z
LL
X
L
L
L
L
XHH
LH
↑
LL
LH
↑
HH
LH
H
r
o
LX
o
Y
)
2
(
e
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
E
O)
W
O
L
e
v
i
t
c
A
(
t
u
p
n
I
e
l
b
a
n
E
t
u
p
t
u
O
E
L)
W
O
L
e
v
i
t
c
A
(
e
l
b
a
n
E
h
c
t
a
L
K
L
Ct
u
p
n
I
k
c
o
l
C
At
u
p
n
I
a
t
a
D
Yt
u
p
t
u
O
a
t
a
D
D
N
Gd
n
u
o
r
G
c
c
Vr
e
w
o
P



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com