Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74AVC Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74AVC
Description  2.5V 20-Bit Universal Bus Driver with 3-State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74AVC Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PI74AVC+16836
2.5V 20-Bit Universal Bus
Driver with 3-State Outputs
3
PS8511A
02/06/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Recommended Operating Conditions(1)
Notes:
1. All unused inputs must be held at VCC or GND to ensure proper device operation.
.
n
i
M.
x
a
Ms
t
i
n
U
V C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
g
n
i
t
a
r
e
p
O
5
6
.
16
.
3
V
y
l
n
o
n
o
i
t
n
e
t
e
r
a
t
a
D
2
.
1
V H
I
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
l
-
h
g
i
H
V C
C
V
2
.
1
=
V C
C
V C
C
V
5
9
.
1
o
t
V
5
6
.
1
=
x
5
6
.
0V C
C
V C
C
V
7
.
2
o
t
V
3
.
2
=
7
.
1
V C
C
V
6
.
3
o
t
V
3
=
2
V L
I
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
l
-
w
o
L
V C
C
V
2
.
1
=
d
n
G
V C
C
V
5
9
.
1
o
t
V
5
6
.
1
=
x
5
3
.
0V C
C
V C
C
V
7
.
2
o
t
V
3
.
2
=
7
.
0
V C
C
V
6
.
3
o
t
V
3
=
8
.
0
VI
e
g
a
t
l
o
V
t
u
p
n
I
06
.
3
VO
e
g
a
t
l
o
V
t
u
p
t
u
O
e
t
a
t
S
e
v
i
t
c
A
0V C
C
e
t
a
t
S
-
3
06
.
3
I H
O
t
n
e
r
r
u
c
t
u
p
t
u
o
l
e
v
e
l
-
h
g
i
H
V C
C
V
5
9
.
1
o
t
V
5
6
.
1
=
6
–
A
m
V C
C
V
7
.
2
o
t
V
3
.
2
=
2
1
–
V C
C
V
6
.
3
o
t
V
3
=
4
2
–
I L
O
t
n
e
r
r
u
c
t
u
p
t
u
o
l
e
v
e
l
-
w
o
L
V C
C
V
5
9
.
1
o
t
V
5
6
.
1
=
6
V C
C
V
7
.
2
o
t
V
3
.
2
=
2
1
V C
C
V
6
.
3
o
t
V
3
=
4
2
∆t∆
e
t
a
r
l
l
a
f
r
o
e
s
i
r
n
o
i
t
i
s
n
a
r
t
t
u
p
n
I
v
V C
C
V
6
.
3
o
t
V
5
6
.
1
=5
V
/
s
n
TA
e
r
u
t
a
r
e
p
m
e
t
r
i
a
-
e
e
r
f
g
n
i
t
a
r
e
p
O
0
4
–
5
8C
°
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other
conditions above those indicated in the opera-
tional sections of this specification is not implied.
Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Supply voltage range, VCC ............................................................................................ –0.5V to +4.6V
Input voltage range, VI .................................................................................................... –0.5V to +4.6V
Voltage range applied to any output in the
high-impedance or power-off state, VO(1) ............................................................ –0.5V to +4.6V
Voltage range applied to any output in the
high or low state, VO(1,2) ........................................................................................ –0.5V to VCC +0.5V
Input clamp current, IIK (VI <0) ............................................................................ –50mA
Output clamp current, IOK (VO <0) ...................................................................... –50mA
Continuous output current, IO ...................................................................................................... ±50mA
Continuous current through each VCC or GND ................................................. ±100mA
Package thermal impedance,
θJA(3): package A .................................................... 64°C/W
package K ................................................... 48°C/W
Storage Temperature range, Tstg .............................................................................. –65°C to 150°C
Notes:
1. Input & output negative-voltage ratings may be exceeded if the input and output curent rating are observed.
2. Output positive-voltage rating may be exceeded up to 4.6V maximum if theoutput current rating is observed.
3. The package thermal impedance is calculated in accordance with JESD 51.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com