Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74AVC Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI74AVC
Description  2.5V 20-Bit Universal Bus Driver with 3-State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI74AVC Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PI74AVC+16836
2.5V 20-Bit Universal Bus
Driver with 3-State Outputs
7
PS8511A
02/06/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PARAMETER MEASUREMENT INFORMATION
VCC = 1.8V ±0.15V
LoadCircuit
Voltage Waveforms
Propagation Delay Times
Voltage Waveforms
Enable and Disable Times
Voltage Waveforms
Pulse Duration
t
s
e
T1
S
t d
p
t Z
L
P
t
/
L
Z
P
t
Z
H
P
t
/
H
Z
P
n
e
p
O
V
x
2
C
C
D
N
G
Notes:
A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input impulses are supplied by generators having these characteristics: PRR
≤10 MHz, ZO = 50Ω, tR ≤2.0ns, tF ≤2.0ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis
F. tPZL and tPZH are the same as ten
G. tPLH and tPHL are the same as tpd
Figure 2. Load Circuit and Voltage Waveforms
2
Ω
2
Ω
2xVCC
Open
GND
S1
From Output
Under Test
CL = 15pF
(See Note A)
tPZL
Output
Control
(Low Level
Enabling)
0V
VCC/2
VCC/2
VCC/2
VCC/2
tPLZ
tPHZ
VOL
VCC
0V
tPZH
+0.1V
–0.1V
Output
Waveform 1
S1 at 2 x VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOH
VOH
VOL
VCC
Input
tPLH
tPHL
0V
Output
VOH
VOL
VCC/2
VCC/2
VCC/2
VCC
VCC/2
Input
tW
VCC/2
VCC
VCC/2
0V
Data
Input
tsu
th
VCC/2
VCC
VCC/2
0V
VCC
0V
Timing
Input
VCC/2
Voltage Waveforms
Setup and Hold Times
1 k
Ω
1 k
Ω
0.15V
0.15V
30



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com