Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3013 Datasheet (PDF) - STMicroelectronics

MAX3013 Datasheet PDF - STMicroelectronics
Part # MAX3013
Download  MAX3013 Download
File Size   438.07 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators

MAX3013 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3013 Datasheet PDF - STMicroelectronics

Part # MAX3013
Download  MAX3013 Click to download

File Size   438.07 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators

MAX3013 Datasheet (HTML) - STMicroelectronics


MAX3013 Product details

General Description
The MAX3013 8-channel level translator provides the level shifting necessary to allow 100Mbps data transfer in a multivoltage system. Externally applied voltages, VCC and VL, set the logic levels on either side of the device. Logic signals present on the VL side of the device appear as a higher voltage logic signal on the VCC side of the device, and vice-versa.
The MAX3013 features an EN input that, when at logic low, places all inputs/outputs on both sides in tristate and reduces the VCC and VL supply currents to 0.1µA. This device operates at a guaranteed data rate of 100Mbps for VL > 1.8V.
The MAX3013 accepts a VCC voltage from +1.65V to +3.6V and a VL voltage from +1.2V to (VCC - 0.4V), making it ideal for data transfer between low-voltage ASICs/PLDs and higher voltage systems. The MAX3013 is available in 5 x 4 UCSP™, 20-pin 5mm x 5mm QFN, and 20-pin TSSOP packages.

Features
♦ 100Mbps Guaranteed Data Rate
♦ Bidirectional Level Translation
♦ VL Operation Down to +1.2V
♦ Ultra-Low 0.1µA Supply Current in Shutdown
♦ Low-Quiescent Current (0.1µA)
♦ UCSP, QFN, and TSSOP Packages

Applications
   Low-Voltage ASIC Level Translation
   Cell Phones
   SPI™, MICROWIRE™ Level Translation
   Portable POS Systems
   Portable Communication Devices
   GPS
   Telecommunications Equipment




Similar Part No. - MAX3013

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3013 MAXIM-MAX3013 Datasheet
443Kb / 17P
1.2V to 3.6V, 0.1關A, 100Mbps, 8-Channel Level Translators
19-3156; Rev 2; 12/04
MAX3013EBP-T MAXIM-MAX3013EBP-T Datasheet
443Kb / 17P
1.2V to 3.6V, 0.1關A, 100Mbps, 8-Channel Level Translators
19-3156; Rev 2; 12/04
MAX3013EGP MAXIM-MAX3013EGP Datasheet
443Kb / 17P
1.2V to 3.6V, 0.1關A, 100Mbps, 8-Channel Level Translators
19-3156; Rev 2; 12/04
MAX3013EUP MAXIM-MAX3013EUP Datasheet
443Kb / 17P
1.2V to 3.6V, 0.1關A, 100Mbps, 8-Channel Level Translators
19-3156; Rev 2; 12/04
More results


Similar Description - MAX3013

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3000E MAXIM-MAX3000E Datasheet
422Kb / 24P
1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX3005 MAXIM-MAX3005 Datasheet
430Kb / 24P
1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX13013 MAXIM-MAX13013 Datasheet
849Kb / 21P
1.2V to 3.6V, 0.1uA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 1; 8/04
logo
Pericom Semiconductor C...
PI4ULS3V16 PERICOM-PI4ULS3V16_07 Datasheet
446Kb / 10P
1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control
logo
Maxim Integrated Produc...
MAX3000E MAXIM-MAX3000E_08 Datasheet
216Kb / 25P
1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
Rev 5; 8/08
MAX13013_0412 MAXIM-MAX13013_0412 Datasheet
472Kb / 18P
1.2V to 3.6V, 0.1μA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 2; 12/04
logo
Pericom Semiconductor C...
PI4ULS3V08 PERICOM-PI4ULS3V08 Datasheet
751Kb / 8P
1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
logo
Analog Devices
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
logo
Pericom Semiconductor C...
PI4ULS3V16 PERICOM-PI4ULS3V16_13 Datasheet
333Kb / 7P
1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
logo
Maxim Integrated Produc...
MAX3013 MAXIM-MAX3013 Datasheet
443Kb / 17P
1.2V to 3.6V, 0.1關A, 100Mbps, 8-Channel Level Translators
19-3156; Rev 2; 12/04
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com