Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3013 Datasheet(PDF) 7 Page - STMicroelectronics

Part # MAX3013
Description  1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MAX3013 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button MAX3013 Datasheet HTML 3Page - STMicroelectronics MAX3013 Datasheet HTML 4Page - STMicroelectronics MAX3013 Datasheet HTML 5Page - STMicroelectronics MAX3013 Datasheet HTML 6Page - STMicroelectronics MAX3013 Datasheet HTML 7Page - STMicroelectronics MAX3013 Datasheet HTML 8Page - STMicroelectronics MAX3013 Datasheet HTML 9Page - STMicroelectronics MAX3013 Datasheet HTML 10Page - STMicroelectronics MAX3013 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
+1.2V to +3.6V, 0.1µA, 100Mbps,
8-Channel Level Translators
_______________________________________________________________________________________
7
Pin Description
PIN
BUMP
TSSOP
QFN
UCSP
NAME
FUNCTION
1
18
B1
I/O VL1
Input/Output 1, Referenced to VL
2
19
A1
I/O VL2
Input/Output 2, Referenced to VL
3
20
B2
I/O VL3
Input/Output 3, Referenced to VL
4
1
A2
I/O VL4
Input/Output 4, Referenced to VL
5
2
A3
VL
VL Input Voltage, +1.2V
≤ VL ≤ (VCC - 0.4V). Bypass VL to GND with a 0.1µF capacitor.
6
3
A4
EN
Enable Input. If EN is pulled low, all inputs/outputs are in tristate. Drive EN high (VL) for
normal operation.
7
4
B3
I/O VL5
Input/Output 5, Referenced to VL
8
5
A5
I/O VL6
Input/Output 6, Referenced to VL
9
6
B4
I/O VL7
Input/Output 7, Referenced to VL
10
7
B5
I/O VL8
Input/Output 7, Referenced to VL
11
8
C5
I/O VCC8 Input/Output 8, Referenced to VCC
12
9
C4
I/O VCC7 Input/Output 7, Referenced to VCC
13
10
D5
I/O VCC6 Input/Output 6, Referenced to VCC
14
11
C3
I/O VCC5 Input/Output 5, Referenced to VCC
15
12
D4
GND
Ground
16
13
D3
VCC
VCC Input Voltage, +1.65V
≤ VCC ≤ +3.6V. Bypass VCC to GND with a 0.1µF capacitor.
17
14
D2
I/O VCC4 Input/Output 4, Referenced to VCC
18
15
C2
I/O VCC3 Input/Output 3, Referenced to VCC
19
16
D1
I/O VCC2 Input/Output 2, Referenced to VCC
20
17
C1
I/O VCC1 Input/Output 1, Referenced to VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com