Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3013 Datasheet(PDF) 13 Page - STMicroelectronics

Part # MAX3013
Description  1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MAX3013 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button MAX3013 Datasheet HTML 9Page - STMicroelectronics MAX3013 Datasheet HTML 10Page - STMicroelectronics MAX3013 Datasheet HTML 11Page - STMicroelectronics MAX3013 Datasheet HTML 12Page - STMicroelectronics MAX3013 Datasheet HTML 13Page - STMicroelectronics MAX3013 Datasheet HTML 14Page - STMicroelectronics MAX3013 Datasheet HTML 15Page - STMicroelectronics MAX3013 Datasheet HTML 16Page - STMicroelectronics MAX3013 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
+1.2V to +3.6V, 0.1µA, 100Mbps,
8-Channel Level Translators
______________________________________________________________________________________
13
Chip Information
TRANSISTOR COUNT: 1447
PROCESS: BiCMOS
11
12
13
14
15
I/O VCC5
GND
VCC
I/O VCC4
I/O VCC3
5
4
3
2
1
I/O VL6
I/O VL5
EN
**EXPOSED PADDLE
VL
I/O VL4
MAX3013
5mm x 5mm QFN
TOP VIEW
MAX3013
20 UCSP
(BOTTOM VIEW)
I/O VCC4
I/O VCC2
VCC
GND
I/O VCC3
I/O VCC1
I/O VCC5
I/O VCC7
I/O VL3
I/O VL1
I/O VL5
I/O VL7
I/O VL4
I/O VL2VL
EN
I/O VCC6
I/O VCC8
I/O VL8
I/O VL6
1
B
A
C
D
234
5
Pin Configurations (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com