Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3013 Datasheet(PDF) 12 Page - STMicroelectronics

Part # MAX3013
Description  1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MAX3013 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button MAX3013 Datasheet HTML 8Page - STMicroelectronics MAX3013 Datasheet HTML 9Page - STMicroelectronics MAX3013 Datasheet HTML 10Page - STMicroelectronics MAX3013 Datasheet HTML 11Page - STMicroelectronics MAX3013 Datasheet HTML 12Page - STMicroelectronics MAX3013 Datasheet HTML 13Page - STMicroelectronics MAX3013 Datasheet HTML 14Page - STMicroelectronics MAX3013 Datasheet HTML 15Page - STMicroelectronics MAX3013 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
+1.2V to +3.6V, 0.1µA, 100Mbps,
8-Channel Level Translators
12
______________________________________________________________________________________
Enable Input (EN)
The MAX3013 features an EN input. Pull EN low to set
the MAX3013 I/O on both sides in tristate output mode.
Drive EN to logic high (VL) for normal operation.
Applications Information
Power-Supply Decoupling
To reduce ripple and the chance of introducing data
errors, bypass VL and VCC to ground with a 0.1µF
ceramic capacitor. Place the bypass capacitors as
close to the power-supply input pins as possible.
8-Bit Bus Translation
The MAX3013 level-shifts the data present on the I/O
line between +1.2V to +3.6V, making it ideal for level
translation between a low-voltage ASIC and a higher
voltage system. The Typical Operating Circuit shows
the MAX3013 bidirectional translator in an 8-bit bus
level translation from a 1.8V system to a 3.3V system
and vice versa.
Unidirectional vs. Bidirectional Level
Translator
The MAX3013 bidirectional translator can operate as a
unidirectional device to translate signals without inver-
sion. This device provides the smallest solution (UCSP
package) for unidirectional level translation without inver-
sion.
0V
VTH_IN/RIN*
-(VS - VTH_IN)/RIN*
IIN
VTH_IN
*RIN = 4k
Ω WHEN DRIVING VL SIDE.
RIN = 150
Ω WHEN DRIVING VCC SIDE.
VS
VIN
WHERE VS = VCC OR VL.
Figure 6. Typical IIN vs. VIN
MAX3013
+1.8V
+3.3V
+1.8V
SYSTEM
CONTROLLER
+3.3V
SYSTEM
GND
VL
VCC
EN
BIT 1
BIT 2
BIT 0
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 1
BIT 2
BIT 0
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
I/O VCC1
I/O VCC2
I/O VCC3
I/O VCC4
I/O VL4
I/O VL3
I/O VL2
I/O VL1
0.1
µF
0.1
µF
I/O VCC5
I/O VCC6
I/O VL6
I/O VL5
I/O VCC7
I/O VCC8
I/O VL8
I/O VL7
Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com