Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3013 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MAX3013
Description  1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MAX3013 Datasheet(HTML) 2 Page - STMicroelectronics

  MAX3013 Datasheet HTML 1Page - STMicroelectronics MAX3013 Datasheet HTML 2Page - STMicroelectronics MAX3013 Datasheet HTML 3Page - STMicroelectronics MAX3013 Datasheet HTML 4Page - STMicroelectronics MAX3013 Datasheet HTML 5Page - STMicroelectronics MAX3013 Datasheet HTML 6Page - STMicroelectronics MAX3013 Datasheet HTML 7Page - STMicroelectronics MAX3013 Datasheet HTML 8Page - STMicroelectronics MAX3013 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
+1.2V to +3.6V, 0.1µA, 100Mbps,
8-Channel Level Translators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +1.65V to +3.6V, VL = +1.2V to (VCC - 0.4V) (Note 1), EN = VL, CIOVL
15pF, CIOVCC ≤ 40pF, TA = TMIN to TMAX. Typical val-
ues are at VCC = +3.3V, VL = +1.8V, TA = +25
°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
VCC ...........................................................................-0.3V to +4V
VL..............................................................................-0.3V to +4V
I/O VCC .......................................................-0.3V to (VCC + 0.3V)
I/O VL.............................................................-0.3V to (VL + 0.3V)
EN .................................................................-0.3V to (VL + 0.3V)
Short-Circuit Duration I/O VL, I/O VCC to GND...........Continuous
Continuous Power Dissipation (TA = +70
°C)
20-Pin TSSOP (derate 11mW/
°C above +70°C) ..........879mW
5 x 4 UCSP (derate 10mW/
°C above +70°C) ..............800mW
20-Pin QFN (derate 20.0mW/
°C above +70°C) .............1.60W
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
VL Supply Range
VL
1.2
VCC -
0.4
V
VCC Supply Range
VCC
1.65
3.6
V
Supply Current from VCC
IQVCC
I/O VCC_ = 0, I/O VL _ = 0 or I/O VCC_ = VCC,
I/O VL _ = VL
0.1
1
µA
I/O VCC_ = 0, I/O VL _ = 0 or I/O VCC_ = VCC,
I/O VL _ = VL
0.1
4
Supply Current from VL
IQVL
I/O VCC_ = 0, I/O VL _ = 0 or I/O VCC_ = VCC,
I/O VL _ = VL, VL < VCC - 0.2V
0.1
100
µA
VCC Tristate Output Mode Supply
Current
ITS-VCC
TA = +25
°C, EN = 0
0.03
1
µA
TA = +25
°C, EN = 0
0.1
0.2
VL Tristate Output Mode Supply
Current
ITS-VL
TA = +25
°C, EN = 0, VL = VCC - 0.2V
1
2
µA
TA = +25
°C, EN = 0,
0.15
I/O Tristate Output Mode
Leakage Current
TA = +25
°C, EN = 0, VL = VCC - 0.2V
30
µA
LOGIC-LEVEL THRESHOLDS
I/O VL_ Input-Voltage High
VIHL
2/3 x
VL
V
I/O VL_ Input-Voltage Low
VILL
1/3 x
VL
V
I/O VCC_ Input-Voltage High
VIHC
2/3 x
VCC
V
I/O VCC_ Input-Voltage Low
VILC
1/3 x
VCC
V
EN Input-Voltage High
VIH
TA = +25
°C
2/3 x
VL
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com